Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 100 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices AD9689-2000EBZ Datasheet HTML 98Page - Analog Devices AD9689-2000EBZ Datasheet HTML 99Page - Analog Devices AD9689-2000EBZ Datasheet HTML 100Page - Analog Devices AD9689-2000EBZ Datasheet HTML 101Page - Analog Devices AD9689-2000EBZ Datasheet HTML 102Page - Analog Devices AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices AD9689-2000EBZ Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 100 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0042 Chip Pin Control 3
[7:4] Chip GPIO_B1 pin
functionality
GPIO B1 pin functionality.
0xF
R/W
0000
Chip GPIO B1 input (NCO channel selection).
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).
1111
Disabled (configured as input with weak pull-down).
[3:0] Chip GPIO_B1 pin
functionality
GPIO A1 pin functionality.
0xF
R/W
0000
Chip GPIO A1 input (NCO channel selection).
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).
1111
Disabled (configured as input with weak pull-down).
0x0108 Clock divider control [7:3] Reserved
Reserved.
0x0
R
[2:0] Input clock divider
(CLK± pins)
0x0
R/W
00
Divide by 1.
01
Divide by 2.
11
Divide by 4.
0x0109 Clock divider phase
(local)
[7:4] Reserved
Reserved.
0x0
R
[3:0] Clock divider phase offset
0x0
R/W
0000
0 input clock cycles delayed.
0001
½ input clock cycles delayed (invert clock).
0010
1 input clock cycles delayed.
…
…
1110
7 input clock cycles delayed.
1111
7½ input clock cycles delayed.
0x010A Clock divider and
SYSREF control
7
Clock divider auto phase
adjust enable
Clock divider auto phase adjust enable. When enabled,
Register 0x0129, Bits[3:0] contain the phase of the divider when
SYSREF was captured. The actual divider phase offset =
Register 0x0129, Bits[3:0] + Register 0x0109, Bits[3:0].
0x0
R/W
0
Clock divider phase is not changed by SYSREF (disabled).
1
Clock divider phase is automatically adjusted by SYSREF
(enabled).
[6:4] Reserved
Reserved.
0x0
R
[3:2] Clock divider negative
skew window
Clock divider negative skew window (measured in ½ input
device clocks). Number of ½ clock cycles before the input
device clock by which captured SYSREF transitions are ignored.
Only used when Register 0x010A, Bit 7 = 1. Register 0x010A,
Bits[3:2] + Register 0x010A, Bits[1:0] < Register 0x0108, Bits[2:0].
The skew allows some uncertainty in the sampling of SYSREF
without disturbing the input clock divider. Also, SYSREF must
be disabled (Register 0x0120, Bits[2:1] = 0x0) when changing
this control field.
0x0
R/W
00
No negative skew; SYSREF must be captured accurately.
01
½ device clock of negative skew.
10
1 device clocks of negative skew.
11
1½ device clocks of negative skew.
[1:0] Clock divider positive
skew window
Clock divider positive skew window (measured in ½ input
device clocks). Number of clock cycles after the input device
clock by which captured SYSREF transitions are ignored. Only
used when Register 0x010A, Bit 7 = 1. Register 0x010A, Bits[3:2]
+ Register 0x010A, Bits[1:0] < Register 0x0108, Bits[2:0]. The
skew allows some uncertainty in the sampling of SYSREF
without disturbing the input clock divider. Also, SYSREF must
be disabled (Register 0x0120, Bits[2:1] = 0x0) when changing
this control field.
0x0
R/W
00
No positive skew; SYSREF must be captured accurately.
01
½ device clock of positive skew.
10
1 device clocks of positive skew.
11
1½ device clocks of positive skew.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com