Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 103 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 99Page - Analog Devices AD9689-2000EBZ Datasheet HTML 100Page - Analog Devices AD9689-2000EBZ Datasheet HTML 101Page - Analog Devices AD9689-2000EBZ Datasheet HTML 102Page - Analog Devices AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices AD9689-2000EBZ Datasheet HTML 104Page - Analog Devices AD9689-2000EBZ Datasheet HTML 105Page - Analog Devices AD9689-2000EBZ Datasheet HTML 106Page - Analog Devices AD9689-2000EBZ Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 103 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0129 SYSREF Status 2
[7:4] Reserved
Reserved.
0x0
R
[3:0] Clock divider phase when
SYSREF± was captured
SYSREF divider phase. Represents the phase of the divider
when SYSREF± was captured.
0x0
R
0000
In phase.
0001
SYSREF± is ½ cycle delayed from clock.
0010
SYSREF± is 1 cycle delayed from clock.
0011
SYSREF± is 1½ input clock cycles delayed.
0100
SYSREF± is 2 input clock cycles delayed.
…
…
1111
SYSREF± is 7½ input clock cycles delayed.
0x012A SYSREF Status 3
[7:0] SYSREF counter, Bits[7:0]
increments when a
SYSREF± is captured
SYSREF count. Running counter that increments whenever a
SYSREF± event is captured. Reset by Register 0x0120, Bit 6. Wraps
around at 255. Read these bits only when Register 0x0120, Bits[2:1]
are set to disabled.
0x0
R
0x01FF Chip sync mode
[7:1] Reserved
Reserved.
0x0
R
0
Synchronization mode
0x0
R/W
0
JESD204B synchronization mode. The SYSREF signal resets all
internal clock dividers. Use this mode when synchronizing
multiple chips as specified in the JESD204B standard. If the
phase of any of the dividers must change, the JESD204B link
goes down.
1
Timestamp mode. The SYSREF signal does not reset internal
clock dividers. In this mode, the JESD204B link and the signal
monitor are not affected by the SYSREF signal. The SYSREF
signal timestamps a sample when it passes through the ADC
and is used as a control bit in the JESD204B output word.
Chip Operating Mode Control Registers
Table 48.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0200 Chip mode
[7:6] Reserved
Reserved.
0x0
R/W
5
Chip Q ignore
Chip real (I) only selection.
0x0
R/W
0
Both real (I) and complex (Q) selected.
1
Only real (I) selected; complex (Q) is ignored.
4
Reserved
Reserved.
0x0
R
[3:0] Chip application mode
0x0
R/W
0000
Full bandwidth mode (default).
0001
One DDC mode (DDC0 only).
0010
Two DDC mode (DDC0 and DDC1 only).
0011
Four DDC mode (DDC0, DDC1, DDC2, and DDC3).
0x0201 Chip decimation
ratio
[7:4] Reserved
Reserved.
0x0
R
[3:0] Chip decimation ratio
Chip decimation ratio.
0x0
R/W
0000
Full sample rate (decimate by 1, DDCs are bypassed).
0001
Decimate by 2.
1000
Decimate by 3.
0010
Decimate by 4.
0101
Decimate by 5.
1001
Decimate by 6.
0011
Decimate by 8.
0110
Decimate by 10.
1010
Decimate by 12.
0111
Decimate by 15.
0100
Decimate by 16.
1101
Decimate by 20.
1011
Decimate by 24.
1110
Decimate by 30.
1111
Decimate by 40.
1100
Decimate by 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com