Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 80Page - Analog Devices AD9689-2000EBZ Datasheet HTML 81Page - Analog Devices AD9689-2000EBZ Datasheet HTML 82Page - Analog Devices AD9689-2000EBZ Datasheet HTML 83Page - Analog Devices AD9689-2000EBZ Datasheet HTML 84Page - Analog Devices AD9689-2000EBZ Datasheet HTML 85Page - Analog Devices AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 84 of 134
Setting Deterministic Latency Registers
The JESD204B receiver in the logic device buffers data starting
on the LMFC boundary. If the total link latency in the system is
near an integer multiple of the LMFC period, it is possible that
from one power cycle to the next, the data arrival time at the
receive buffer may straddle an LMFC boundary. To ensure
deterministic latency in this case, a phase adjustment of the
LMFC at either the transmitter or receiver must be performed.
Typically, adjustments to accommodate the receive buffer are
made to the LMFC of the receiver. Alternatively, this adjustment
can be made in the AD9689 using the LMFC offset register
(Register 0x0578, Bits[4:0]). This adjustment delays the LMFC
in frame clock increments, depending on the F parameter
(number of octets per lane per frame). For F = 1, every fourth
setting (0, 4, 8, and so on) is valid and results in a four frame
clock shift. For F = 2, every other setting (0, 2, 4, and so on) is
valid and results in a two-frame clock shift. For all other values
of F, each setting results in a one-frame clock shift. Figure 144
shows that, when the link latency is near an LMFC boundary,
the local LMFC of the AD9689 can be adjusted to delay the data
arrival time at the receiver. Figure 145 shows how the LMFC of
the receiver is delayed to accommodate the receive buffer
timing. Consult the applicable JESD204B receiver user guide for
details on making this adjustment.
If the total latency in the system is not near an integer multiple
of the LMFC period or if the appropriate adjustments have been
made to the LMFC phase at the clock source, it is still possible
to have variable latency from one power cycle to the next. By
design, the AD9689 has circuitry in place to minimize this
variation from power-up to power-up. In this case, the user
must check for the possibility that the setup and hold time
requirements for the SYSREF signal are not being met, by
reading the SYSREF± setup/hold status bits (Register 0x0128).
This function is fully described in the SYSREF± Setup/Hold
Window Monitor section.
If reading Register 0x0128 indicates there may be a timing
problem, a few adjustments can be made in the AD9689.
Changing the SYSREF level that is used for alignment is possible
using the SYSREF± transition select bit (Register 0x0120, Bit 4).
Also, changing which edge of CLK± is used to capture SYSREF
can be done using the CLK± edge select bit (Register 0x0120,
Bit 3). Both of these options are described in the SYSREF
Control Features section. If neither of these measures helps to
achieve an acceptable setup and hold time, adjusting the phase
of SYSREF and/or the device clock (CLK±) may be required.
SYSREF ALIGNED
GLOBAL LMFC
DATA
(AT Tx INPUT)
DATA
(AT Rx INPUT)
Tx LOCAL LMFC
Tx LMFC MOVED (DELAYING THE ARRIVAL OF DATA RELATIVE
TO THE GLOBAL LMFC) SO THE RECIEVE BUFFER RELEASE TIME
IS ALWAYS REFERENCED TO THE SAME LMFC EDGE
LMFCTX DELAY TIME
POWER CYCLE VARIATION
ILAS
DATA
ILAS
DATA
Figure 144. Adjusting the JESD204B Tx LMFC in the AD9689
DATA
POWER CYCLE VARIATION
LMFCRX DELAY TIME
ILAS
ILAS
ILAS
SYSREF ALIGNED
GLOBAL LMFC
DATA
(AT Tx INPUT)
DATA
(AT Rx INPUT)
Rx LOCAL LMFC
Rx LMFC MOVED SO THE RECEIVE BUFFER RELEASE TIME
IS ALWAYS REFERENCED TO THE SAME LMFC EDGE
DATA
Figure 145. Adjusting the JESD204B Rx LMFC in the Logic Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com