Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 91 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 91 of 134
LATENCY
END TO END TOTAL LATENCY
Total latency in the AD9689 is dependent on the chip
application mode and the JESD204B configuration. For any
given combination of these parameters, the latency is
deterministic; however, the value of this deterministic latency
must be calculated as described in the Example Latency
Calculations section.
Table 37 shows the combined latency through the ADC and
digital signal processor (DSP) for the different chip application
modes supported by the AD9689. Table 38 shows the latency
through the JESD204B block for each application mode based
on the M/L ratio. For Table 37 and Table 38, latency is typical
and is in units of the encode clock. The latency through the
JESD204B block does not depend on the output data type (real
or complex). Therefore, data type is not included in Table 38.
To determine the total latency, select the appropriate ADC + DSP
latency from Table 37 and add it to the appropriate JESD204B
latency from Table 38. Example calculations are provided in the
following section.
EXAMPLE LATENCY CALCULATIONS
Example Configuration 1 is as follows:
•
ADC application mode = full bandwidth
•
Real outputs
•
L = 8, M = 2, F = 1, S = 2 (JESD204B mode)
•
20 × (M/L) = 5
•
Latency = 31 + 44 = 75 encode clocks
Example Configuration 2 is as follows:
•
ADC application mode = DCM4
•
Complex outputs
•
L = 4, M = 2, F = 1, S = 1 (JESD204B mode)
•
20 × (M/L) = 10
•
Latency = 162 + 88 = 250 encode clocks
LMFC REFERENCED LATENCY
Some FPGA vendors may require the end user to know the
LMFC referenced latency to make appropriate deterministic
latency adjustments. If they are required, use the latency values
in Table 37 and Table 38 for the analog in to LMFC and LMFC
to data out latency values.
Table 37. Latency Through the ADC + DSP Blocks (Number of Sample Clocks)1
Chip Application Mode
Enabled Filters
ADC + DSP Latency
Full Bandwidth
Not applicable
31
DCM1 (Real)
HB1
90
DCM2 (Complex)
HB1
90
DCM3 (Complex)
TB1
102
DCM2 (Real)
HB2 + HB1
162
DCM4 (Complex)
HB2 + HB1
162
DCM3 (Real)
TB2 + HB1
212
DCM6 (Complex)
TB2 + HB1
212
DCM4 (Real)
HB3 +HB2 + HB1
292
DCM8 (Complex)
HB3 +HB2 + HB1
292
DCM5 (Real)
FB2 + HB1
380
DCM10 (Complex)
FB2 + HB1
380
DCM6 (Real)
TB2 + HB2 + HB1
424
DCM12 (Complex)
TB2 + HB2 + HB1
424
DCM15 (Real)
FB2 + TB1
500
DCM8 (Real)
HB4 + HB3 + HB2 + HB1
552
DCM16 (Complex)
HB4 + HB3 + HB2 + HB1
552
DCM10 (Real)
FB2 + HB2 + HB1
694
DCM20 (Complex)
FB2 + HB2 + HB1
694
DCM12 (Real)
TB2 + HB3 + HB2 + HB1
814
DCM24 (Complex)
TB2 + HB3 + HB2 + HB1
814
DCM30 (Complex)
HB2 + FB2 + TB1
836
DCM20 (Real)
FB2 + HB3 + HB2 + HB1
1420
DCM40 (Complex)
FB2 + HB3 + HB2 + HB1
1420
DCM24 (Real)
TB2 + HB4 + HB3 + HB2 + HB1
1594
DCM48 (Complex)
TB2 + HB4 + HB3 + HB2 + HB1
1594
1
DCMx indicates the decimation ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com