Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 92 of 134
Table 38. Latency Through JESD204B Block (Number of Sample Clocks)1
Chip Application Mode
M/L Ratio 2
0.125
0.25
0.5
1
2
4
8
Full Bandwidth
82
44
25
14
7
9
3
DCM1
82
44
25
14
7
N/A
N/A
DCM2
160
84
46
27
14
7
N/A
DCM3
237
124
67
39
21
11
N/A
DCM4
315
164
88
50
27
14
9
DCM5
N/A
203 3
1093
623
433
N/A
N/A
DCM6
N/A
243
130
73
39
21
14
DCM8
N/A
323
172
96
50
27
18
DCM10
N/A
N/A
213
119
62
33
22
DCM12
N/A
N/A
255
142
73
39
27
DCM15
N/A
N/A
318 4
1764
904
474
334
DCM16
N/A
N/A
3394
1884
964
504
354
DCM20
N/A
N/A
N/A
233
119
62
43
DCM24
N/A
N/A
N/A
279
142
73
51
DCM30
N/A
N/A
N/A
3484
1764
904
624
DCM40
N/A
N/A
N/A
N/A
2334
1194
824
DCM48
N/A
N/A
N/A
N/A
2794
1424
974
1
N/A means not applicable and indicates that the application mode is not supported at the M/L ratio listed.
2
M/L ratio is the number of converters divided by the number of lanes for the configuration.
3
The application mode at the M/L ratio listed is only supported in real output mode.
4
The application mode at the M/L ratio listed is only supported in complex output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com