Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 95 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices AD9689-2000EBZ Datasheet HTML 98Page - Analog Devices AD9689-2000EBZ Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 95 of 134
Table 42. Physical Layer 10-Bit Input (Register 0x0573, Bits[5:4] = 2'b01)
10-Bit Symbol
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
PN9
PN23
User Repeat
User Single
0
0x155
0x000
(x) % 210
0x125
0x3FD
UP1[15:6]
UP1[15:6]
1
0x2AA
0x3FF
(x + 1) % 210
0x2FC
0x1C0
UP2[15:6]
UP2[15:6]
2
0x155
0x000
(x + 2) % 210
0x26A
0x00A
UP3[15:6]
UP3[15:6]
3
0x2AA
0x3FF
(x + 3) % 210
0x198
0x1B8
UP4[15:6]
UP4[15:6]
4
0x155
0x000
(x + 4) % 210
0x031
0x028
UP1[15:6]
0x000
5
0x2AA
0x3FF
(x + 5) % 210
0x251
0x3D7
UP2[15:6]
0x000
6
0x155
0x000
(x + 6) % 210
0x297
0x0A6
UP3[15:6]
0x000
7
0x2AA
0x3FF
(x + 7) % 210
0x3D1
0x326
UP4[15:6]
0x000
8
0x155
0x000
(x + 8) % 210
0x18E
0x10F
UP1[15:6]
0x000
9
0x2AA
0x3FF
(x + 9) % 210
0x2CB
0x3FD
UP2[15:6]
0x000
10
0x155
0x000
(x + 10) % 210
0x0F1
0x31E
UP3[15:6]
0x000
11
0x2AA
0x3FF
(x + 11) % 210
0x3DD
0x008
UP4[15:6]
0x000
Table 43. Scrambler 8-Bit Input (Register 0x0573, Bits[5:4] = 2'b10)
8-Bit Octet
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
PN9
PN23
User Repeat
User Single
0
0x55
0x00
(x) % 28
0x49
0xFF
UP1[15:9]
UP1[15:9]
1
0xAA
0xFF
(x + 1) % 28
0x6F
0x5C
UP2[15:9]
UP2[15:9]
2
0x55
0x00
(x + 2) % 28
0xC9
0x00
UP3[15:9]
UP3[15:9]
3
0xAA
0xFF
(x + 3) % 28
0xA9
0x29
UP4[15:9]
UP4[15:9]
4
0x55
0x00
(x + 4) % 28
0x98
0xB8
UP1[15:9]
0x00
5
0xAA
0xFF
(x + 5) % 28
0x0C
0x0A
UP2[15:9]
0x00
6
0x55
0x00
(x + 6) % 28
0x65
0x3D
UP3[15:9]
0x00
7
0xAA
0xFF
(x + 7) % 28
0x1A
0x72
UP4[15:9]
0x00
8
0x55
0x00
(x + 8) % 28
0x5F
0x9B
UP1[15:9]
0x00
9
0xAA
0xFF
(x + 9) % 28
0xD1
0x26
UP2[15:9]
0x00
10
0x55
0x00
(x + 10) % 28
0x63
0x43
UP3[15:9]
0x00
11
0xAA
0xFF
(x + 11) % 28
0xAC
0xFF
UP4[15:9]
0x00
Data Link Layer Test Modes
The data link layer test modes are implemented in the AD9689
as defined by Section 5.3.3.8.2 in the JEDEC JESD204B speci-
fication. These tests are shown in Register 0x0574, Bits[2:0].
Test patterns inserted at this point are useful for verifying the
functionality of the data link layer. When the data link layer
test modes are enabled, disable SYNCINB± by writing 0xC0
to Register 0x0572.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com