Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 127 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 127 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 123Page - Analog Devices AD9689-2000EBZ Datasheet HTML 124Page - Analog Devices AD9689-2000EBZ Datasheet HTML 125Page - Analog Devices AD9689-2000EBZ Datasheet HTML 126Page - Analog Devices AD9689-2000EBZ Datasheet HTML 127Page - Analog Devices AD9689-2000EBZ Datasheet HTML 128Page - Analog Devices AD9689-2000EBZ Datasheet HTML 129Page - Analog Devices AD9689-2000EBZ Datasheet HTML 130Page - Analog Devices AD9689-2000EBZ Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 127 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
[2:0] SERDOUT6± voltage
swing adjust
Output swing level for SERDOUT6±.
0x1
R/W
000
1.0 × DRVDD1.
001
0.850 × DRVDD1.
010
0.750 × DRVDD1.
0x05C4 SERDOUT0
de-emphasis
select
7
Posttap enable
Posttap enable.
0x0
R/W
0
Disable.
1
Enable.
[6:4] Set posttap level for
SERDOUT0±
Set posttap level.
0x0
R/W
000
0 dB.
001
3 dB.
010
6 dB.
011
9 dB.
100
12 dB.
[3:0] Reserved
Reserved.
0x0
R/W
0x05C5 SERDOUT1
de-emphasis
select
7
Posttap enable
Posttap enable.
0x0
R/W
0
Disable.
1
Enable.
[6:4] Set posttap level for
SERDOUT1±
Set posttap level.
0x0
R/W
000
0 dB.
001
3 dB.
010
6 dB.
011
9 dB.
100
12 dB.
[3:0] Reserved
Reserved.
0x0
R/W
0x05C6 SERDOUT2
de-emphasis
select
7
Posttap enable
Posttap enable.
0x0
R/W
0
Disable.
1
Enable.
[6:4] Set posttap level for
SERDOUT2±
Set posttap level.
0x0
R/W
000
0 dB.
001
3 dB.
010
6 dB.
011
9 dB.
100
12 dB.
[3:0] Reserved
Reserved.
0x0
R/W
0x05C7 SERDOUT3
de-emphasis
select
7
Posttap enable
Posttap enable.
0x0
R/W
0
Disable.
1
Enable.
[6:4] Set posttap level for
SERDOUT3±
Set posttap level.
0x0
R/W
000
0 dB.
001
3 dB.
010
6 dB.
011
9 dB.
100
12 dB.
[3:0] Reserved
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com