Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 20Page - ATMEL Corporation AT40K Datasheet HTML 21Page - ATMEL Corporation AT40K Datasheet HTML 22Page - ATMEL Corporation AT40K Datasheet HTML 23Page - ATMEL Corporation AT40K Datasheet HTML 24Page - ATMEL Corporation AT40K Datasheet HTML 25Page - ATMEL Corporation AT40K Datasheet HTML 26Page - ATMEL Corporation AT40K Datasheet HTML 27Page - ATMEL Corporation AT40K Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
24
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
DC Characteristics – 5V Operation Commercial/Industrial/Military AT40K
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
High-level Input Voltage
CMOS
70% VCC
V
TTL
2.0
V
V
IL
Low-level Input Voltage
CMOS
-0.3
30% VCC
V
TTL
-0.3
0.8
V
VOH
High-level Output Voltage
I
OH =6mA
V
CC =VCC Minimum
Ind. = 3.15
4.0
Con = 3.325
V
IOH = 14mA
V
CC =VCC Minimum
Ind. = 3.15
4.0
Con = 3.325
V
IOH = 20mA
Commercial = 4.75V
Industrial/Military = 4.5V
Ind. = 3.15
4.0
Con = 3.325
V
V
OL
Low-level Output Voltage
IOL =-6mA
Commercial = 4.75V
Industrial/Military = 4.5V
0.4
V
I
OL = -14mA
Commercial = 4.75V
Industrial/Military = 4.5V
0.4
V
IOL = -20mA
Commercial = 4.75V
Industrial/Military = 4.5V
0.4
V
IIH
High-level Input Current
VIN =VCC Maximum
10.0
µA
With pull-down, V
IN =VCC
125.0
250.0
500.0
µA
IIL
Low-level Input Current
V
IN =VSS
-10.0
µA
With pull-up, VIN =VSS
CON = -1 mA
to -250 µA
-250.0
CON = -1 mA
to -250 µA
µA
IOZH
High-level Tri-state Output
Leakage Current
Without pull-down, VIN =VCC
10.0
µA
With pull-down, VIN =VCC
125.0
250.0
500.0
µA
IOZL
Low-level Tri-state Output
Leakage Current
Without pull-up, V
IN =VSS
Maximum
-10.0
µA
With pull-up, VIN =VSS
Maximum
-500.0
-250.0
-125.0
µA
ICC
Standby Current Consumption
Standby, unprogrammed
0.6
1.0
mA
CIN
Input Capacitance
All pins
10.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com