Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 31Page - ATMEL Corporation AT40K Datasheet HTML 32Page - ATMEL Corporation AT40K Datasheet HTML 33Page - ATMEL Corporation AT40K Datasheet HTML 34Page - ATMEL Corporation AT40K Datasheet HTML 35Page - ATMEL Corporation AT40K Datasheet HTML 36Page - ATMEL Corporation AT40K Datasheet HTML 37Page - ATMEL Corporation AT40K Datasheet HTML 38Page - ATMEL Corporation AT40K Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
AC Timing Characteristics – 3.3V Operation AT40KLV
Delays are based on fixed loads and are described in the notes.
Maximum times based on worst case: VCC = 3.0V, temperature = 70°C
Minimum times based on best case: VCC = 3.6V, temperature = 0°C
Maximum delays are the average of tPDLH and tPDHL.
Clocks and Reset Input buffers are measured from a V
IH of 1.5V at the input pad to the internal VIH of 50% of VCC.
Maximum times for clock input buffers and internal drivers are measured for rising edge delays only.
Cell Function
Parameter
Path
Device
-3
Units
Notes
Global Clocks and Set/Reset
GCK Input Buffer
t
PD
(Maximum)
pad -> clock
pad -> clock
pad -> clock
pad -> clock
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
1.3
1.5
1.6
1.9
ns
ns
ns
ns
Rising edge clock
FCK Input Buffer
t
PD
(Maximum)
pad -> clock
pad -> clock
pad -> clock
pad -> clock
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
0.7
0.8
0.8
0.9
ns
ns
ns
ns
Rising edge clock
Clock Column Driver
tPD
(Maximum)
clock -> colclk
clock -> colclk
clock -> colclk
clock -> colclk
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
1.5
1.8
2.0
2.5
ns
ns
ns
ns
Rising edge clock
Clock Sector Driver
t
PD
(Maximum)
colclk -> secclk
colclk -> secclk
colclk -> secclk
colclk -> secclk
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
1.0
1.0
1.0
1.0
ns
ns
ns
ns
Rising edge clock
GSRN Input Buffer
tPD
(Maximum)
pad -> GSRN
pad -> GSRN
pad -> GSRN
pad -> GSRN
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
4.5
5.4
6.3
8.2
ns
ns
ns
ns
Global Clock to Output
tPD
(Maximum)
clock pad -> out
clock pad -> out
clock pad -> out
clock pad -> out
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
13.0
13.4
13.8
14.5
ns
ns
ns
ns
Rising edge clock
Fully loaded clock tree
Rising edge DFF
20 mA output buffer
50 pf pin load
Fast Clock to Output
t
PD
(Maximum)
clock pad -> out
clock pad -> out
clock pad -> out
clock pad -> out
AT40K05LV
AT40K10LV
AT40K20LV
AT40K40LV
12.4
12.7
13.0
13.5
ns
ns
ns
ns
Rising edge clock
Fully loaded clock tree
Rising edge DFF
20 mA output buffer
50 pf pin load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com