Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 53Page - ATMEL Corporation AT40K Datasheet HTML 54Page - ATMEL Corporation AT40K Datasheet HTML 55Page - ATMEL Corporation AT40K Datasheet HTML 56Page - ATMEL Corporation AT40K Datasheet HTML 57Page - ATMEL Corporation AT40K Datasheet HTML 58Page - ATMEL Corporation AT40K Datasheet HTML 59Page - ATMEL Corporation AT40K Datasheet HTML 60Page - ATMEL Corporation AT40K Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
57
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Note:
1. For military parts, contact Atmel at fpga@atmel.com.
AT40K40/AT40K40LV Ordering Information
Usable Gates
Operating Voltage
Speed Grade (ns)
Ordering Code
Package
Operation Range
(1)
40,000 - 50,000
5.0V
2
AT40K40-2BQC
AT40K40-2DQC
AT40K40-2EQC
AT40K40-2FQC
AT40K40-2BGC
144Q1
208Q1
240Q1
304Q1
352C1
Commercial
(0
°Cto 70°C)
40,000 - 50,000
5.0V
2
AT40K40-2BQI
AT40K40-2DQI
AT40K40-2EQI
AT40K40-2FQI
AT40K40-2BGI
144Q1
208Q1
240Q1
304Q1
352C1
Industrial
(-40
°Cto85°C)
40,000 - 50,000
3.3V
3
AT40K40LV-2BQC
AT40K40LV-2DQC
AT40K40LV-2EQC
AT40K40LV-2FQC
AT40K40LV-2BGC
144Q1
208Q1
240Q1
304Q1
352C1
Commercial
(0
°Cto 70°C)
40,000 - 50,000
3.3V
3
AT40K40LV-2BQI
AT40K40LV-2DQI
AT40K40LV-2EQI
AT40K40LV-2FQI
AT40K40LV-2BGI
144Q1
208Q1
240Q1
304Q1
352C1
Industrial
(-40
°Cto85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com