Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 36Page - ATMEL Corporation AT40K Datasheet HTML 37Page - ATMEL Corporation AT40K Datasheet HTML 38Page - ATMEL Corporation AT40K Datasheet HTML 39Page - ATMEL Corporation AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation AT40K Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
40
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O25
I/O41
I/O55
I/O83
30
40
50
241
Y24
I/O26
I/O42
I/O56
I/O84
31
41
51
240
AA25
GND
GND
GND
(1)
VCC
VCC
VCC(1)
I/O57
I/O85
239
AB25
I/O58
I/O86
238
AA24
I/O87
I/O88
I/O27
I/O43
I/O59
I/O89
27
21
18
28
32
42
52
237
Y23
I/O28
I/O44
I/O60
I/O90
22
19
29
33
43
53
236
AC26
GND
I/O91
AD26
I/O92
AC25
I/O29
I/O45
I/O61
I/O93
30
34
44
54
235
AA23
I/O30
I/O46
I/O62
I/O94
31
35
45
55
234
AB24
I/O31
(OTS)
(3)
I/O47
(OTS)
(3)
I/O63
(OTS)
(3)
I/O95
(OTS)
(3)
28
23
20
32
36
46
56
233
AD25
I/O32,
GCK2
I/O48,
GCK2
I/O64,
GCK2
I/O96,
GCK2
29
24
21
33
37
47
57
232
AC24
M1
M1
M1
M1
30
25
22
34
38
48
58
231
AB23
GND
GND
GND
GND
31
26
23
35
39
49
59
230
GND
(1)
M0
M0
M0
M0
32
27
24
36
40
50
60
229
AD24
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Left Side (Top to Bottom)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. On-chip tri-state.
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Bottom Side (Left to Right)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
VCC
VCC
VCC
VCC
33
28
25
37
41
55
61
228
VCC
(1)
M2
M2
M2
M2
34
29
26
38
42
56
62
227
AC23
I/O33,
GCK3
I/O49,
GCK3
I/O65,
GCK3
I/O97,
GCK3
35
30
27
39
43
57
63
226
AE24
I/O34
(HDC)
I/O50
(HDC)
I/O66
(HDC)
I/O98
(HDC)
36
31
28
40
44
58
64
225
AD23
I/O35
I/O51
I/O67
I/O99
41
45
59
65
224
AC22
I/O36
I/O52
I/O68
I/O100
42
46
60
66
223
AF24
I/O37
I/O53
I/O69
I/O101
32
29
43
47
61
67
222
AD22
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com