Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 33Page - ATMEL Corporation AT40K Datasheet HTML 34Page - ATMEL Corporation AT40K Datasheet HTML 35Page - ATMEL Corporation AT40K Datasheet HTML 36Page - ATMEL Corporation AT40K Datasheet HTML 37Page - ATMEL Corporation AT40K Datasheet HTML 38Page - ATMEL Corporation AT40K Datasheet HTML 39Page - ATMEL Corporation AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Left Side (Top to Bottom)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP
(2)
352
SBGA
(2)
GND
GND
GND
GND
12
411121
304
GND
(1)
I/O1,
GCK1
(A16)
I/O1,
GCK1
(A16)
I/O1,
GCK1
(A16)
I/O1,
GCK1
(A16)
13
522242
303
D23
I/O2
(A17)
I/O2
(A17)
I/O2
(A17)
I/O2
(A17)
14
633353
302
C25
I/O3
I/O3
I/O3
I/O3
4464
301
D24
I/O4
I/O4
I/O4
I/O4
5575
300
E23
I/O5
(A18)
I/O5
(A18)
I/O5
(A18)
I/O5
(A18)
15
746686
299
C26
I/O6
(A19)
I/O6
(A19)
I/O6
(A19)
I/O6
(A19)
16
857797
298
E24
GND
I/O7
I/O8
I/O9
D25
I/O10
F23
I/O7
I/O11
297
F24
I/O8
I/O12
296
E25
VCC
VCC
VCC
(1)
GND
GND
GND(1)
I/O13
I/O14
I/O7
I/O7
I/O9
I/O15
8
10
8
295
D26
I/O8
I/O8
I/O10
I/O16
9
11
9
294
G24
I/O9
I/O11
I/O17
12
10
293
F25
I/O10
I/O12
I/O18
13
11
292
F26
GND
I/O19
I/O20
I/O11
I/O13
I/O21
12
291
H23
I/O12
I/O14
I/O22
13
290
H24
I/O15
I/O23
289
G25
I/O16
I/O24
288
G26
GND
GND
GND
GND
8
10
14
14
287
GND(1)
I/O9,
FCK1
I/O13,
FCK1
I/O17,
FCK1
I/O25,
FCK1
9
111515
286
J23
I/O10
I/O14
I/O18
I/O26
10
12
16
16
285
J24
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. On-chip tri-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com