Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 49Page - ATMEL Corporation AT40K Datasheet HTML 50Page - ATMEL Corporation AT40K Datasheet HTML 51Page - ATMEL Corporation AT40K Datasheet HTML 52Page - ATMEL Corporation AT40K Datasheet HTML 53Page - ATMEL Corporation AT40K Datasheet HTML 54Page - ATMEL Corporation AT40K Datasheet HTML 55Page - ATMEL Corporation AT40K Datasheet HTML 56Page - ATMEL Corporation AT40K Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
53
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Part/Package Availability and User I/O Counts (including Dual-function Pins)
Note:
1. Devices in same package are pin-to-pin compatible.
Package
(1)
AT40K05/AT40K05LV
AT40K10/AT40K10LV
AT40K20/AT40K20LV
AT40K40/AT40K40LV
84 PLCC
62
62
62
–
100 PQFP
78
78
77
–
100 TQFP
78
78
78
–
144 LQFP
114
114
114
114
160 PQFP
128
130
130
–
208 PQFP
128
161
161
161
240 PQFP
––
193
193
304 PQFP
–––
256
352 SBGA
–––
289
Package Type
84J
84-lead, Plastic J-leaded Chip Carrier (PLCC)
100Q4
100-lead, Plastic Quad Flat Package (PQFP)
100T1
100-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
144L1
144-lead, Low-profile (1.4 mm) Plastic Quad Flat Package (LQFP)
160Q1
160-lead, Plastic Quad Flat Package (PQFP)
208Q1
208-lead, Plastic Quad Flat Package (PQFP)
240Q1
240-lead, Plastic Quad Flat Package (PQFP)
304Q1
304-lead, Plastic Quad Flat Package (PQFP)
352C1
252-ball, Enhanced, Low-profile Square Ball Grid Array Package (SBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com