Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 28Page - ATMEL Corporation AT40K Datasheet HTML 29Page - ATMEL Corporation AT40K Datasheet HTML 30Page - ATMEL Corporation AT40K Datasheet HTML 31Page - ATMEL Corporation AT40K Datasheet HTML 32Page - ATMEL Corporation AT40K Datasheet HTML 33Page - ATMEL Corporation AT40K Datasheet HTML 34Page - ATMEL Corporation AT40K Datasheet HTML 35Page - ATMEL Corporation AT40K Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
32
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Note:
1. Parameter based on characterization and simulation; it is not tested in production.
DC Characteristics – 3.3V Operation Commercial/Industrial AT40KLV
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
High-level Input Voltage
CMOS
70% VCC
V
TTL
2.0
V
V
IL
Low-level Input Voltage
CMOS
-0.3
30% VCC
V
TTL
-0.3
0.8
V
VOH
High-level Output Voltage
I
OH =4mA
V
CC =VCC Minimum
2.1
V
I
OH =12mA
VCC =3.0V
2.1
V
IOH =16mA
VCC =3.0V
2.1
V
VOL
Low-level Output Voltage
I
OL =-4 mA
V
CC =3.0V
0.4
V
I
OL =-12 mA
VCC =3.0V
0.4
V
IOL =-16 mA
VCC =3.0V
0.4
V
IIH
High-level Input Current
V
IN =VCC Maximum
10.0
µA
With pull-down, V
IN =VCC
75.0
150.0
300.0
µA
IIL
Low-level Input Current
V
IN =VSS
-10.0
µA
With pull-up, VIN =VSS
-300.0
-150.0
-75.0
µA
IOZH
High-level Tri-state Output
Leakage Current
Without pull-down,
VIN =VCC Maximum
10.0
µA
With pull-down,
V
IN =VCC Maximum
75.0
150.0
300.0
µA
IOZL
Low-level Tri-state Output
Leakage Current
Without pull-up, V
IN =VSS
-10.0
mA
With pull-up, VIN =VSS
CON = -500 µA
TO -125 µA
-150.0
CON = -500 µA
TO -125 µA-
µA
ICC
Standby Current
Consumption
Standby, unprogrammed
0.6
1.0
mA
C
IN
Input Capacitance
All pins
10.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com