Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation AT40K Datasheet HTML 44Page - ATMEL Corporation AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation AT40K Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
45
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O70
I/O104
I/O138
I/O206
59
56
80
88
114
130
141
AA2
I/O71
I/O105
I/O139
I/O207
89
115
131
140
AA1
I/O72
I/O106
I/O140
I/O208
90
116
132
139
W4
I/O209
I/O210
GND
I/O211
I/O212
I/O107
I/O141
I/O213
117
133
138
W3
I/O108
I/O142
I/O214
118
134
137
Y2
I/O143
I/O215
136
Y1
I/O144
I/O216
135
V4
GND
GND
GND
GND
81
91
119
135
134
GND
(1)
I/O109
I/O145
I/O217
136
133
V3
I/O110
I/O146
I/O218
137
132
W2
I/O73,
FCK3
I/O111,
FCK3
I/O147,
FCK3
I/O219,
FCK3
82
92
120
138
131
U4
I/O74
I/O112
I/O148
I/O220
83
93
121
139
130
U3
VCC
VCC
VCC
140
129
VCC
(1)
I/O75
(D5)
I/O113
(D5)
I/O149
(D5)
I/O221
(D5)
59
60
57
84
94
122
141
127
V2
I/O76
(CS0)
I/O114
(CS0)
I/O150
(CS0)
I/O222
(CS0)
60
61
58
85
95
123
142
126
V1
GND
I/O223
T4
I/O224
T3
I/O225
I/O226
I/O151
I/O227
125
U2
I/O152
I/O228
124
T2
GND
GND
143
GND(1)
VCC
VCC
(1)
I/O229
I/O230
I/O153
I/O231
123
T1
I/O154
I/O232
122
R4
I/O115
I/O155
I/O233
124
144
121
R3
I/O116
I/O156
I/O234
125
145
120
R2
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Right Side (Bottom to Top)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com