Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 43Page - Analog Devices AD9925BBCZ Datasheet HTML 44Page - Analog Devices AD9925BBCZ Datasheet HTML 45Page - Analog Devices AD9925BBCZ Datasheet HTML 46Page - Analog Devices AD9925BBCZ Datasheet HTML 47Page - Analog Devices AD9925BBCZ Datasheet HTML 48Page - Analog Devices AD9925BBCZ Datasheet HTML 49Page - Analog Devices AD9925BBCZ Datasheet HTML 50Page - Analog Devices AD9925BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
AD9925
Rev. A | Page 47 of 96
VERTICAL DRIVER SIGNAL CONFIGURATION
As shown in Figure 57, XV1 to XV8, XSG1 to XSG6, and
XSUBCK are outputs from the internal AD9925 timing genera-
tor, while V1 to V8 and SUBCK are the resulting outputs from
the AD9925 vertical driver. The vertical driver performs the
mixing of the XV and XSG pulses and amplifies them to the
high voltages required for driving the CCD. Additionally, the
vertical driver outputs are inverted from the internal XV, XSG,
and SUBCK polarities configured by the AD9925 registers.
Table 22 to Table 32 describe the output polarities for these
signals vs. their input levels. Refer to these tables when deter-
mining the register settings for the desired output levels.
Figure 58 to Figure 64 show graphically the relationship between
the polarities of the XV and XSG signals and the inverted verti-
cal driver output signals.
V3A
V5A
V4
V6
V7
V8
SUBCK
V2
V3B
V5B
V1
INTERNAL
TIMING
GENERATOR
XV1
XV4
XSG1
+3V
VERTICAL DRIVER
+15V, –7.5V
XV6
XV7
XV8
XSUBCK
XV2
XSG6
XV3
XSG2
XSG3
XSG4
XV5
XSG5
B8
G11
B9
C9
D9
E9
G10
H10
K10
J9
J8
AD9925
3-LEVEL OUTPUTS
2-LEVEL OUTPUTS
Figure 57. AD9925 Internal V-Driver Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com