Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 15Page - Analog Devices AD9925BBCZ Datasheet HTML 16Page - Analog Devices AD9925BBCZ Datasheet HTML 17Page - Analog Devices AD9925BBCZ Datasheet HTML 18Page - Analog Devices AD9925BBCZ Datasheet HTML 19Page - Analog Devices AD9925BBCZ Datasheet HTML 20Page - Analog Devices AD9925BBCZ Datasheet HTML 21Page - Analog Devices AD9925BBCZ Datasheet HTML 22Page - Analog Devices AD9925BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
AD9925
Rev. A | Page 19 of 96
e field. These lines will not
activ
p
MASKTYPE is set l
at
SK re
cif
lines
e CLPMAS
ue
grammed to specify the starting and ending lines in the f
the CLPOB patterns will be ignored. There are three sets
es,
ng up
ar
M
E
p
m
regi
rt
y
ays
of
e
B ma
ers
be set to the maximum value of 0xFFF (default value).
Individual HBLK Patterns
The HBLK programmable timing shown in Figure 24 is similar
olarity control. Only
itionally, there is a polarity
designates the polarity of the horizontal
g the blanking period. Setting
2 = H4 = High
he CLPOB
ach vertical
e used with
e H3/H4 signals
to remain active during HBLK. To do this, set register Bit D6 in
ul if the H3 output is
iption
to specify six individual lines within th
contain an
e CLPOB ulse. CLP
ow for this
mode of oper ion.
Second, th
of adjacent
e CLPMA
. Th
gisters can be used to spe
K start and end line val
y blocks
s are pro-
ield, where
of start
positions of the blanking period. Add
control HBLKMASK that
clock signals H1 to H4 durin
and end valu
allowi
to three CLPOB masking eas to be
HBLKMASK high will set H1 = H3 = Low and H
created. CLP ASKTYP is set high for this mode of o eration.
during the blanking, as shown in Figure 25. As with t
The CLPOB
asking
sters are not specific to a ce ain vertical
sequence, which allow different blanking signals to b
sequence; the are alw
active for any existing field
timing.
different vertical timing sequences.
To disable th CLPO
sking feature, these regist
should
One additional feature is the ability to enable th
Table 10. CLPOB and PBLK Pattern Registers
Register
Length
Range
Descr
to CLPOB and PBLK, but there is no start p
the toggle positions are used to designate the start and the stop
and PBLK signals, HBLK registers are available in e
Addr 0xE7 equal to 1. This feature is usef
used to drive the HL (last horizontal gate) input of the CCD.
SPOL
1 b
High/Low
Starting Polarity of CLPOB/PBLK for Vertical Sequence 0 to 9.
TOG1
12 b
0 to 4095 Pixel Location
First Toggle Position within Line for Vertical Sequence 0 to 9.
TOG2
12 b
0 to 4095 Pixel Location
Second Toggle Position within Line for Vertical Sequence 0 to 9.
CLPOBMASK
12 b
0 to 4095 Line Location
CLPOBMASK0 thr
e
CLPOB pulse to be
ed to specify
three ranges of ad
ough CLPOBMASK5 specify six individual lines in the field for th
temporarily disabled. These registers can also be us
jacent lines, rather than six individual lines.
CLPMASKTYPE
1 b
High/Low
When set low (default), the CLPOBMASK registers select individual lines in the field
to disable the CLPOB pulse. When set high, the range masking is enabled, allowing
up to three blocks of adjacent lines to have the CLPOB signal masked. CLPOB-
MASK0 and CLPOBMASK1 are the start/end of the first block of lines, CLPOBMASK2
and CLPOBMASK3 are the start/end of the second block, and CLPOBMASK4 and
CLPOBMASK5 are the start/end of the third block.
3
2
1
HD
CLPOB
PBLK
NOTES
PROGRAMMABLE SETTINGS:
1. START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW).
2. FIRST TOGGLE POSITION.
3. SECOND TOGGLE POSITION.
ACTIVE
ACTIVE
Figure 23. Clamp and Preblank Pulse Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com