| Electronic Components Datasheet Search |
|
AD9925BBCZ Datasheet(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Datasheet(HTML) 81 Page - Analog Devices |
|
81 / 96 page ![]() AD9925 Rev. A | Page 81 of 96 Table 68. Field 0 Register Map Address Data Bit Content Default Value Register Name Register Description D0 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL0_0 SWEEP0_0 MULTI0_0 VSEQSEL1_0 SWEEP1_0 MULTI1_0 VSEQSEL2_0 SWEEP2_0 MULTI2_0 VSEQSEL3_0 SWEEP3_0 MULTI3_0 Selected Vertical Sequence for Region 0. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. D1 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_0 SWEEP4_0 MULTI4_0 VSEQSEL5_0 SWEEP5_0 MULTI5_0 VSEQSEL6_0 SWEEP6_0 MULTI6_0 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multiplier. Unused. D2 [11:0] [23:12] X X SCP1_0 SCP2_0 Vertical Sequence Change Position No. 1 for Field 0. Vertical Sequence Change Position No. 2 for Field 0. D3 [11:0] [23:12] X X SCP3_0 SCP4_0 Vertical Sequence Change Position No. 3 for Field 0. Vertical Sequence Change Position No. 4 for Field 0. D4 [11:0] [23:12] X X VDLEN_0 HDLAST_0 VD Field Length (Number of Lines) for Field 0. HD Line Length (Number of Pixels) for Last Line in Field 0. D5 [3:0] [9:4] [21:10] [22] X X VPATSECOND_0 SGMASK_0 SGPATSEL_0 HDLAST13_0 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length D6 [11:0] [23:12] X X SGLINE1_0 SGLINE2_0 VSG Active Line 1. VSG Active Line 2 (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). D7 [11:0] [23:12] X X SCP5_0 SCP6_0 Vertical Sequence Change Position No. 5 for Field 0. Vertical Sequence Change Position No. 6 for Field 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |