Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 47Page - Analog Devices AD9925BBCZ Datasheet HTML 48Page - Analog Devices AD9925BBCZ Datasheet HTML 49Page - Analog Devices AD9925BBCZ Datasheet HTML 50Page - Analog Devices AD9925BBCZ Datasheet HTML 51Page - Analog Devices AD9925BBCZ Datasheet HTML 52Page - Analog Devices AD9925BBCZ Datasheet HTML 53Page - Analog Devices AD9925BBCZ Datasheet HTML 54Page - Analog Devices AD9925BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
AD9925
Rev. A | Page 51 of 96
POWER-UP AND SYNCHRONIZATION
Vertical Driver Power Supply Sequencing
The recommended Power-Up and Power-Down sequences are
shown in Figure 65 and Figure 66, respectively. As shown, the
VM1 and VM2 voltage levels should never exceed the VH1 and
VH2 voltage levels during power-up or power-down. Excessive
current will result if this requirement is not met due to a PN
junction diode turning on between the VM1/VM2 and VH
supply pins.
0V
12
VH1 = VH2 = 12.0V TO 15.0V
DD = TCVDD = AVDD = 3.0V
VM1 = VM2 = –1.0V TO –0.5V
VL = –7.5V
SAME TIME AS VM AND VH; LATER OR EARLIER IS OK, BUT NOT BEFORE VDD REACHES 3.0V.
VDVDD = DVDD = DRVDD = HVDD = RGV
Figure 65. Power-Up Sequence
0V
VH1 = VH2
VDVDD = DVDD = DRVDD = HVDD = RGVDD = TCVDD = AVDD = 3V
2
1
VM1 = VM2
VL
SAME TIME AS VM AND VH OR EARLIER, BUT NOT AFTER VDD.
n Sequence
Figure 66. Power-Dow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com