| Electronic Components Datasheet Search |
|
AD9925BBCZ Datasheet(PDF) 78 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Datasheet(HTML) 78 Page - Analog Devices |
|
78 / 96 page ![]() AD9925 Rev. A | Page 78 of 96 Table 62. Vertical Sequence 4 (VSEQ4) Register Map Address Data Bit Content Default Value Register Name Register Description A0 [1:0] [2] [3] [7:4] [9:8] [11:10] [12] [23:12] X X X X X X X HBLKMASK_4 CLPOBPOL_4 PBLKPOL_4 VPATSEL_4 VMASK_4 HBLKALT_4 HDLEN13_4 UNUSED Masking Polarity during HBLK. H1 [0], H3 [1]. CLPOB Start Polarity. PBLK Start Polarity. Selected Vertical Pattern Group for Vertical Sequence 4. Enable Masking of Vertical Outputs (Specified by FREEZE/RESUME Registers). Enable HBLK Alternation. 13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels. Unused. A1 [11:0] [23:12] X X VPATREPO_4 VPATREPE_4 Number of Selected Vertical Pattern Group Repetitions for Odd Lines. Number of Selected Vertical Pattern Group Repetitions for Even Lines. A2 [11:0] [23:12] X X VPATSTART_4 HDLEN_4 Start Position in the Line for the Selected Vertical Pattern Group. HD Line Length (Number of Pixels) for Vertical Sequence 4. A3 [11:0] [23:12] X X PBLKTOG1_4 PBLKTOG2_4 PBLK Toggle Position 1 for Vertical Sequence 4. PBLK Toggle Position 2 for Vertical Sequence 4. A4 [11:0] [23:12] X X HBLKTOG1_4 HBLKTOG2_4 HBLK Toggle Position 1 for Vertical Sequence 4. HBLK Toggle Position 2 for Vertical Sequence 4. A5 [11:0] [23:12] X X HBLKTOG3_4 HBLKTOG4_4 HBLK Toggle Position 3 for Vertical Sequence 4. HBLK Toggle Position 4 for Vertical Sequence 4. A6 [11:0] [23:12] X X HBLKTOG5_4 HBLKTOG6_4 HBLK Toggle Position 5 for Vertical Sequence 4. HBLK Toggle Position 6 for Vertical Sequence 4. A7 [11:0] [23:12] X X CLPOBTOG1_4 CLPOBTOG2_4 CLPOB Toggle Position 1 for Vertical Sequence 4. CLPOB Toggle Position 2 for Vertical Sequence 4. Table 63. Vertical Sequence 5 (VSEQ5)Register Map Address Data Bit Content Default Value Register Name Register Description A8 [1:0] [2] [3] [7:4] [9:8] [11:10] [12] [23:12] X X X X X X X HBLKMASK_5 CLPOBPOL_5 PBLKPOL_5 VPATSEL_5 VMASK_5 HBLKALT_5 HDLEN13_5 UNUSED Masking Polarity during HBLK. H1 [0], H3 [1]. CLPOB Start Polarity. PBLK Start Polarity. Selected Vertical Pattern Group for Vertical Sequence 5. Enable Masking of Vertical Outputs (Specified by FREEZE/RESUME registers). Enable HBLK Alternation. 13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels. Unused. A9 [11:0] [23:12] X X VPATREPO_5 VPATREPE_5 Number of Selected Vertical Pattern Group Repetitions for Odd Lines. Number of Selected Vertical Pattern Group Repetitions for Even Lines. AA [11:0] [23:12] X X VPATSTART_5 HDLEN_5 Start Position in the Line for the Selected Vertical Pattern Group. HD Line Length (Number of Pixels) for Vertical Sequence 5. AB [11:0] [23:12] X X PBLKTOG1_5 PBLKTOG2_5 PBLK Toggle Position 1 for Vertical Sequence 5. PBLK Toggle Position 2 for Vertical Sequence 5. AC [11:0] [23:12] X X HBLKTOG1_5 HBLKTOG2_5 HBLK Toggle Position 1 for Vertical Sequence 5. HBLK Toggle Position 2 for Vertical Sequence 5. AD [11:0] [23:12] X X HBLKTOG3_5 HBLKTOG4_5 HBLK Toggle Position 3 for Vertical Sequence 5. HBLK Toggle Position 4 for Vertical Sequence 5. AE [11:0] [23:12] X X HBLKTOG5_5 HBLKTOG6_5 HBLK Toggle Position 5 for Vertical Sequence 5. HBLK Toggle Position 6 for Vertical Sequence 5. AF [11:0] [23:12] X X CLPOBTOG1_5 CLPOBTOG2_5 CLPOB Toggle Position 1 for Vertical Sequence 5. CLPOB Toggle Position 2 for Vertical Sequence 5. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |