Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 49Page - Analog Devices AD9925BBCZ Datasheet HTML 50Page - Analog Devices AD9925BBCZ Datasheet HTML 51Page - Analog Devices AD9925BBCZ Datasheet HTML 52Page - Analog Devices AD9925BBCZ Datasheet HTML 53Page - Analog Devices AD9925BBCZ Datasheet HTML 54Page - Analog Devices AD9925BBCZ Datasheet HTML 55Page - Analog Devices AD9925BBCZ Datasheet HTML 56Page - Analog Devices AD9925BBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
AD9925
Rev. A | Page 53 of 96
Data
De
Table 33. Power-Up Register Write Sequence
Address
scription
0x10
0x01
Re
Registers to Default Va
set All
lues
0x0A to 0x0D
TBD
Standby V-Driver Input Signal Polarities
0x00
0x04
Power-Up the AFE and CLO Oscillator
0x7F
0x01
Select Register Bank 2
0x00 to 0xFF
TBD
VP
rtical Sequence, and Fi
Tim
AT, Ve
eld
ing
0x7F
0x00
Select Register Bank 1
0x15
0x01
Reset Internal Timing Core
0x31 to 0x71
TBD
Ho
l and Shutter Timing
rizonta
0x20
0x01
Configure for Master Mode
0x11
0x01
Enable All Outputs after SYNC
0x13
0x01
SYNCPOL (for Software SYNC Only)
Generating Software SYN
out External SYNC
rnal SYNC pulse is
ailable, it is possible to
nternal SYNC in the AD9925 by writing to the SY
L
Addr 0x13). If the
re SYNC option is use
ut (Pin J5) should
d to ground (VSS).
After power-up, follow the same procedure as before, for Steps 1
through 11. Then, for Step 12, instead of using the external
SYNC pulse, write a 1 to the SYNCPOL register. This will gen-
erate the SYNC internally, and the timing operation will begin.
SYNC during Master Mode Operation
he SYNC input may be used any time during operation to
resync the AD9925 counters with external timing, as shown in
Figure 68. The operation of the digital outputs may be suspended
during the SYNC operation by setting the SYNCSUSPEND regis-
ter (Addr 0x14) to a 1.
Power-Up and Synchronization in Slave Mode
The power-up procedure for slave mode operation is the same
as the procedure described for master mode operation, with
two exceptions:
1.
Eliminate Step 10. Do not write the part into master mode.
2.
No SYNC pulse is required in slave mode. Substitute Step
12 with starting the external VD and HD signals. This will
synchronize the part, allow the Bank 1 register updates,
and start the timing operation.
ode, the VD and HD in-
re us
nize the intern
ollowing a
falling edg
, there will be a latenc
master clock edges
(CLI) after
lling edge of HD until t
ernal H-Counter is
reset. The r
eration is shown in Fig
.
Vertical T
emen
Counter Reset
One addit
nsideration during th
f the internal
counters is
tical toggle position pl
nt. Before the in-
ternal coun
e reset, there is an area
ls where no
toggle posi
ould be programmed
For master
the last 18 pixels befo
D falling edge
should not
d for toggle position pl
nt of the XV, XSG,
SUBCK, H
BLK, or CLPOB puls
ure 70).
Figure 71
he same example for sl
de. The same
restriction
the last 18 pixels befo
counters are reset
and canno
ed. However, in slave m
he counter reset is
delayed wi
ect to VD/HD placem
erefore, the inhib-
ited area is
nt than it is in master
Additional Considerations for Toggle Positions
In addition to avoiding toggle position placement near the counter-
reset location, there are a couple of other recommendations.
Pixel location 0 should not be used for any of the toggle positions
for the XSG and SUBCK pulses.
Also, the propagation delay of the V-driver circuit should be con-
sidered when programming the toggle positions for the XV, XSG,
and SUBCK pulses. The delay of the V-driver circuit is specified
in Table 3 and is a maximum of 200 ns.
C with
Signal
If an exte
not av
gener-
ate an i
NCPO
register (
softwa
d, the
SYNC inp
be tie
T
When the AD9925 is used in slave m
puts a
ed to synchro
al counters. F
e of VD
y of 23
the fa
he int
eset op
ure 69
oggle Position Plac
t near
ional co
e reset o
the ver
aceme
ters ar
of 18 pixe
tions sh
.
mode,
re the H
be use
aceme
BLK, P
es (see Fig
shows t
ave mo
applies:
re the
t be us
ode, t
th resp
ent; th
differe
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com