| Electronic Components Datasheet Search |
|
AD9925BBCZ Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 96 page ![]() AD9925 Rev. A | Page 30 of 96 ion for Vertical Sequence and . nation used together. It is also possible to use attern Group during VSG Active Line r N h, itions for the second VPAT group. Generating Line Alternat HBLK During low resolution readout, some CCDs require a different number of vertical clocks on alternate lines. The AD9925 can support this by using the VPATREPO and VPATREPE registers This allows a different number of VPAT repetitions to be pro- grammed on odd and even lines. Note that only the number of repeats can be different in odd and even lines, but the VPAT group remains the same. Additionally, the HBLK signal can also be alternated for odd and even lines. When the HBLKALT register is set high, the HBLK TOG1 and HBLK TOG2 positions will be used on odd lines, and the HBLK TOG3 to HBLK TOG6 positions will be used on even lines. This allows the HBLK interval to be adjusted on odd and even lines if needed. Figure 38 shows an example of a VPAT repetition alternation and a HBLK alter the VPAT and HBLK alternation separately. Second Vertical P Most CCDs require additional vertical timing during the senso gate (SG) line. The AD9925 supports the option to output a second vertical pattern group for XV1 to XV8 during the line when the sensor gates XSG1 to XSG6 are active. Figure 39 shows a typical SG line that includes two separate sets of vertical pattern group for XV1 to XV6. The vertical pattern group at the start of the SG line is selected in the same manner as the other regions, using the appropriate VSEQSEL register. The second vertical pattern group, unique to the SG line, is selected using the VPATSECOND register, located with the field registers. The start position of the second VPAT group uses the VPATLEN register from the selected VPAT registers. Because the VPATLE register is used as the start position and not as the VPAT lengt it is not possible to program multiple repet XV1 XV2 VPATREPO = 2 XV6 HD VPATREPE = 5 NOTES 1. THE NUMBER OF REPEATS FOR THE VERTICAL PATTERN GROUP MAY B 2. THE HBLK TOGGLE POSITIONS MAY BE ALTERNATED BETWEEN ODD AN GENERATE DIFFERENT HBLK PATTERNS FOR ODD/EVEN LINES. VPATREPO = 2 E ALTERN D EVEN LI ATED ON ODD AND EVEN LINES. NES, IN ORDER TO HBLK TOG1 TOG2 TOG3 TOG4 TOG1 TOG2 Figure 38. Odd/Even Line Alteration of VPAT Repetitions and HBLK Toggle Positions XV1 XV2 XV6 HD XSG SECOND VPAT GROUP OR SECOND VPAT GROUP GISTER START POSITION F USES VPATLEN RE Figure 39. Example of Second VPAT Group during Sensor Gate Line |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |