Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 36Page - Microchip Technology PIC16F73-E/P Datasheet HTML 37Page - Microchip Technology PIC16F73-E/P Datasheet HTML 38Page - Microchip Technology PIC16F73-E/P Datasheet HTML 39Page - Microchip Technology PIC16F73-E/P Datasheet HTML 40Page - Microchip Technology PIC16F73-E/P Datasheet HTML 41Page - Microchip Technology PIC16F73-E/P Datasheet HTML 42Page - Microchip Technology PIC16F73-E/P Datasheet HTML 43Page - Microchip Technology PIC16F73-E/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 174 page
background image
PIC16F7X
DS30325B-page 38
 2002 Microchip Technology Inc.
REGISTER 4-1:
TRISE REGISTER (ADDRESS 89h)
R-0
R-0
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
IBF
OBF
IBOV
PSPMODE
—
Bit2
Bit1
Bit0
bit 7
bit 0
bit 7
Parallel Slave Port Status/Control bits:
IBF: Input Buffer Full Status bit
1
= A word has been received and is waiting to be read by the CPU
0
= No word has been received
bit 6
OBF: Output Buffer Full Status bit
1
= The output buffer still holds a previously written word
0
= The output buffer has been read
bit 5
IBOV: Input Buffer Overflow Detect bit (in Microprocessor mode)
1
= A write occurred when a previously input word has not been read
(must be cleared in software)
0
= No overflow occurred
bit 4
PSPMODE: Parallel Slave Port Mode Select bit
1
= Parallel Slave Port mode
0
= General Purpose I/O mode
bit 3
Unimplemented: Read as '0'
bit 2
PORTE Data Direction bits:
Bit2: Direction Control bit for pin RE2/CS/AN7
1
= Input
0
= Output
bit 1
Bit1: Direction Control bit for pin RE1/WR/AN6
1
= Input
0
= Output
bit 0
Bit0: Direction Control bit for pin RE0/RD/AN5
1
= Input
0
= Output
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR reset
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com