Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 95Page - Microchip Technology PIC16F73-E/P Datasheet HTML 96Page - Microchip Technology PIC16F73-E/P Datasheet HTML 97Page - Microchip Technology PIC16F73-E/P Datasheet HTML 98Page - Microchip Technology PIC16F73-E/P Datasheet HTML 99Page - Microchip Technology PIC16F73-E/P Datasheet HTML 100Page - Microchip Technology PIC16F73-E/P Datasheet HTML 101Page - Microchip Technology PIC16F73-E/P Datasheet HTML 102Page - Microchip Technology PIC16F73-E/P Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 97
PIC16F7X
FIGURE 12-6:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD THROUGH
RC NETWORK)
PIE2
73
74
76
77
---- ---0
---- ---0
---- ---u
PCON
73
74
76
77
---- --qq
---- --uu
---- --uu
PR2
73747677
1111 1111
1111 1111
1111 1111
SSPSTAT
73
74
76
77
--00 0000
--00 0000
--uu uuuu
SSPADD
73747677
0000 0000
0000 0000
uuuu uuuu
TXSTA
73747677
0000 -010
0000 -010
uuuu -uuu
SPBRG
73
74
76
77
0000 0000
0000 0000
uuuu uuuu
ADCON1
73
74
76
77
---- -000
---- -000
---- -uuu
PMDATA
73
74
76
77
0--- 0000
0--- 0000
u--- uuuu
PMADR
73747677
xxxx xxxx
uuuu uuuu
uuuu uuuu
PMDATH
73
74
76
77
xxxx xxxx
uuuu uuuu
uuuu uuuu
PMADRH
73
74
76
77
xxxx xxxx
uuuu uuuu
uuuu uuuu
PMCON1
73
74
76
77
1--- ---0
1--- ---0
1--- ---u
TABLE 12-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain clear
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3: See Table 12-5 for RESET value for specific condition.
TPWRT
TOST
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com