Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 16Page - Microchip Technology PIC16F73-E/P Datasheet HTML 17Page - Microchip Technology PIC16F73-E/P Datasheet HTML 18Page - Microchip Technology PIC16F73-E/P Datasheet HTML 19Page - Microchip Technology PIC16F73-E/P Datasheet HTML 20Page - Microchip Technology PIC16F73-E/P Datasheet HTML 21Page - Microchip Technology PIC16F73-E/P Datasheet HTML 22Page - Microchip Technology PIC16F73-E/P Datasheet HTML 23Page - Microchip Technology PIC16F73-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 174 page
background image
PIC16F7X
DS30325B-page 18
 2002 Microchip Technology Inc.
Bank 2
100h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27, 96
101h
TMR0
Timer0 Module Register
xxxx xxxx
45, 96
102h(4)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
26, 96
103h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
19, 96
104h(4)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
27, 96
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
34, 96
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,4) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
21, 96
10Bh(4)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
23, 96
10Ch
PMDATA
Data Register Low Byte
xxxx xxxx
29, 97
10Dh
PMADR
Address Register Low Byte
xxxx xxxx
29, 97
10Eh
PMDATH
—
—
Data Register High Byte
xxxx xxxx
29, 97
10Fh
PMADRH
—
—
—
Address Register High Byte
xxxx xxxx
29, 97
Bank 3
180h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27, 96
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
20, 44, 96
182h(4)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
26, 96
183h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
19, 96
184h(4)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
27, 96
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
34, 96
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,4) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
21, 96
18Bh(4)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
23, 96
18Ch
PMCON1
— (6)
—
—
—
—
—
—
RD
1--- ---0
29, 97
18Dh
—
Unimplemented
—
18Eh
—
Reserved maintain clear
0000 0000
18Fh
—
Reserved maintain clear
0000 0000
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0', r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose
contents are transferred to the upper byte of the program counter during branches (CALL or GOTO).
2:
Other (non power-up) RESETS include external RESET through MCLR and Watchdog Timer Reset.
3:
Bits PSPIE and PSPIF are reserved on the 28-pin devices; always maintain these bits clear.
4:
These registers can be addressed from any bank.
5:
PORTD, PORTE, TRISD, and TRISE are not physically implemented on the 28-pin devices, read as ‘0’.
6:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com