Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 39Page - Microchip Technology PIC16F73-E/P Datasheet HTML 40Page - Microchip Technology PIC16F73-E/P Datasheet HTML 41Page - Microchip Technology PIC16F73-E/P Datasheet HTML 42Page - Microchip Technology PIC16F73-E/P Datasheet HTML 43Page - Microchip Technology PIC16F73-E/P Datasheet HTML 44Page - Microchip Technology PIC16F73-E/P Datasheet HTML 45Page - Microchip Technology PIC16F73-E/P Datasheet HTML 46Page - Microchip Technology PIC16F73-E/P Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 41
PIC16F7X
FIGURE 4-9:
PARALLEL SLAVE PORT WRITE WAVEFORMS
FIGURE 4-10:
PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 4-11:
REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
RD
IBF
OBF
PSPIF
PORTD<7:0>
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
08h
PORTD
Port data latch when written: Port pins when read
xxxx xxxx
uuuu uuuu
09h
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
---- -uuu
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF TMR2IF TMR1IF
0000 0000
0000 0000
8Ch
PIE1
PSPIE(1) ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE
0000 0000
0000 0000
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by the Parallel Slave Port.
Note
1: Bits PSPIE and PSPIF are reserved on the PIC16F73/76; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com