Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 37Page - Microchip Technology PIC16F73-E/P Datasheet HTML 38Page - Microchip Technology PIC16F73-E/P Datasheet HTML 39Page - Microchip Technology PIC16F73-E/P Datasheet HTML 40Page - Microchip Technology PIC16F73-E/P Datasheet HTML 41Page - Microchip Technology PIC16F73-E/P Datasheet HTML 42Page - Microchip Technology PIC16F73-E/P Datasheet HTML 43Page - Microchip Technology PIC16F73-E/P Datasheet HTML 44Page - Microchip Technology PIC16F73-E/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 39
PIC16F7X
TABLE 4-9:
PORTE FUNCTIONS
TABLE 4-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/RD/AN5
bit0
ST/TTL(1)
Input/output port pin or read control input in Parallel Slave Port mode or
analog input.
For RD (PSP mode):
1
= IDLE
0
= Read operation. Contents of PORTD register output to PORTD I/O
pins (if chip selected).
RE1/WR/AN6
bit1
ST/TTL(1)
Input/output port pin or write control input in Parallel Slave Port mode
or analog input.
For WR (PSP mode):
1
=IDLE
0
= Write operation. Value of PORTD I/O pins latched into PORTD
register (if chip selected).
RE2/CS/AN7
bit2
ST/TTL(1)
Input/output port pin or chip select control input in Parallel Slave Port
mode or analog input.
For CS (PSP mode):
1
= Device is not selected
0
= Device is selected
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
09h
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
---- -uuu
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction bits
0000 -111
0000 -111
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com