Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 15Page - Microchip Technology PIC16F73-E/P Datasheet HTML 16Page - Microchip Technology PIC16F73-E/P Datasheet HTML 17Page - Microchip Technology PIC16F73-E/P Datasheet HTML 18Page - Microchip Technology PIC16F73-E/P Datasheet HTML 19Page - Microchip Technology PIC16F73-E/P Datasheet HTML 20Page - Microchip Technology PIC16F73-E/P Datasheet HTML 21Page - Microchip Technology PIC16F73-E/P Datasheet HTML 22Page - Microchip Technology PIC16F73-E/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 17
PIC16F7X
Bank 1
80h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27, 96
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
20, 44, 96
82h(4)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
26, 96
83h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
19, 96
84h(4)
FSR
Indirect data memory address pointer
xxxx xxxx
27, 96
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
32, 96
86h
TRISB
PORTB Data Direction Register
1111 1111
34, 96
87h
TRISC
PORTC Data Direction Register
1111 1111
35, 96
88h(5)
TRISD
PORTD Data Direction Register
1111 1111
36, 96
89h(5)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
38, 96
8Ah(1,4)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
21, 96
8Bh(4)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
23, 96
8Ch
PIE1
PSPIE(3)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
22, 96
8Dh
PIE2
—
—
—
—
—
—
—
CCP2IE
---- ---0
24, 97
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --qq
25, 97
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
—
Unimplemented
—
—
92h
PR2
Timer2 Period Register
1111 1111
52, 97
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
68, 97
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
60, 97
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
69, 97
99h
SPBRG
Baud Rate Generator Register
0000 0000
71, 97
9Ah
—
Unimplemented
—
9Bh
—
Unimplemented
—
9Ch
—
Unimplemented
—
9Dh
—
Unimplemented
—
9Eh
—
Unimplemented
—
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
84, 97
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0', r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose
contents are transferred to the upper byte of the program counter during branches (CALL or GOTO).
2:
Other (non power-up) RESETS include external RESET through MCLR and Watchdog Timer Reset.
3:
Bits PSPIE and PSPIF are reserved on the 28-pin devices; always maintain these bits clear.
4:
These registers can be addressed from any bank.
5:
PORTD, PORTE, TRISD, and TRISE are not physically implemented on the 28-pin devices, read as ‘0’.
6:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com