Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 8Page - Microchip Technology PIC16F73-E/P Datasheet HTML 9Page - Microchip Technology PIC16F73-E/P Datasheet HTML 10Page - Microchip Technology PIC16F73-E/P Datasheet HTML 11Page - Microchip Technology PIC16F73-E/P Datasheet HTML 12Page - Microchip Technology PIC16F73-E/P Datasheet HTML 13Page - Microchip Technology PIC16F73-E/P Datasheet HTML 14Page - Microchip Technology PIC16F73-E/P Datasheet HTML 15Page - Microchip Technology PIC16F73-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 174 page
background image
PIC16F7X
DS30325B-page 10
 2002 Microchip Technology Inc.
TABLE 1-3:
PIC16F74 AND PIC16F77 PINOUT DESCRIPTION
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKI
OSC1
CLKI
13
14
30
I
I
ST/CMOS(4) Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
ST buffer when configured in RC mode. Otherwise
CMOS.
External clock source input. Always associated with pin
function OSC1 (see OSC1/CLKI, OSC2/CLKO pins).
OSC2/CLKO
OSC2
CLKO
14
15
31
O
O
—
Oscillator crystal or clock output.
Oscillator crystal output.
Connects to crystal or resonator in Crystal Oscillator
mode.
In RC mode, OSC2 pin outputs CLKO, which has 1/4
the frequency of OSC1 and denotes the instruction
cycle rate.
MCLR/VPP
MCLR
VPP
12
18
I
P
ST
Master Clear (input) or programming voltage (output).
Master Clear (Reset) input. This pin is an active low
RESET to the device.
Programming voltage input.
PORTA is a bi-directional I/O port.
RA0/AN0
RA0
AN0
23
19
I/O
I
TTL
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
34
20
I/O
I
TTL
Digital I/O.
Analog input 1.
RA2/AN2
RA2
AN2
45
21
I/O
I
TTL
Digital I/O.
Analog input 2.
RA3/AN3/VREF
RA3
AN3
VREF
56
22
I/O
I
I
TTL
Digital I/O.
Analog input 3.
A/D reference voltage input.
RA4/T0CKI
RA4
T0CKI
67
23
I/O
I
ST
Digital I/O – Open drain when configured as output.
Timer0 external clock input.
RA5/SS/AN4
RA5
SS
AN4
78
24
I/O
I
I
TTL
Digital I/O.
SPI slave select input.
Analog input 4.
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com