Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 84Page - Microchip Technology PIC16F73-E/P Datasheet HTML 85Page - Microchip Technology PIC16F73-E/P Datasheet HTML 86Page - Microchip Technology PIC16F73-E/P Datasheet HTML 87Page - Microchip Technology PIC16F73-E/P Datasheet HTML 88Page - Microchip Technology PIC16F73-E/P Datasheet HTML 89Page - Microchip Technology PIC16F73-E/P Datasheet HTML 90Page - Microchip Technology PIC16F73-E/P Datasheet HTML 91Page - Microchip Technology PIC16F73-E/P Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 174 page
background image
PIC16F7X
DS30325B-page 86
 2002 Microchip Technology Inc.
11.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 11-2. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), see
Figure 11-2. The source impedance affects the offset
voltage at the analog input (due to pin leakage current).
The maximum recommended impedance for ana-
log sources is 10 k
Ω. After the analog input channel is
selected (changed), the acquisition period must pass
before the conversion can be started.
To calculate the minimum acquisition time, TACQ, see
the PICmicro™ Mid-Range MCU Family Reference
Manual (DS33023). In general, however, given a max-
imum source impedance of 10 k
Ω and at a temperature
of 100°C, TACQ will be no more than 16
µsec.
FIGURE 11-2:
ANALOG INPUT MODEL
TABLE 11-1:
TAD vs. MAXIMUM DEVICE OPERATING FREQUENCIES (STANDARD DEVICES (C))
CPIN
VA
RS
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD
= DAC Capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
= 51.2 pF
± 500 nA
Legend CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions
AD Clock Source (TAD)
Maximum Device Frequency
Operation
ADCS1:ADCS0
Max.
2TOSC
00
1.25 MHz
8TOSC
01
5 MHz
32TOSC
10
20 MHz
RC(1, 2, 3)
11
(Note 1)
Note 1: The RC source has a typical TAD time of 4
µs but can vary between 2-6 µs.
2: When the device frequencies are greater than 1 MHz, the RC A/D conversion clock source is only
recommended for SLEEP operation.
3: For extended voltage devices (LC), please refer to the Electrical Specifications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com