Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 99Page - Microchip Technology PIC16F73-E/P Datasheet HTML 100Page - Microchip Technology PIC16F73-E/P Datasheet HTML 101Page - Microchip Technology PIC16F73-E/P Datasheet HTML 102Page - Microchip Technology PIC16F73-E/P Datasheet HTML 103Page - Microchip Technology PIC16F73-E/P Datasheet HTML 104Page - Microchip Technology PIC16F73-E/P Datasheet HTML 105Page - Microchip Technology PIC16F73-E/P Datasheet HTML 106Page - Microchip Technology PIC16F73-E/P Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 101
PIC16F7X
12.13 Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC oscil-
lator, which does not require any external components.
This RC oscillator is separate from the RC oscillator of
the OSC1/CLKIN pin. That means that the WDT will
run, even if the clock on the OSC1/CLKIN and OSC2/
CLKOUT pins of the device has been stopped, for
example, by execution of a SLEEP instruction.
During normal operation, a WDT time-out generates a
device RESET (Watchdog Timer Reset). If the device is
in SLEEP mode, a WDT time-out causes the device to
wake-up and continue with normal operation (Watch-
dog Timer Wake-up). The TO bit in the STATUS regis-
ter will be cleared upon a Watchdog Timer time-out.
The WDT can be permanently disabled by clearing
configuration bit, WDTE (Section 12.1).
WDT time-out period values may be found in the Elec-
trical Specifications section under parameter #31. Val-
ues for the WDT prescaler (actually a postscaler, but
shared with the Timer0 prescaler) may be assigned
using the OPTION_REG register.
FIGURE 12-11:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 12-7:
SUMMARY OF WATCHDOG TIMER REGISTERS
Note 1: The CLRWDT and SLEEP instructions
clear the WDT and the postscaler, if
assigned to the WDT, and prevent it from
timing out and generating a device
RESET condition.
2: When a CLRWDT instruction is executed
and the prescaler is assigned to the WDT,
the prescaler count will be cleared, but
the prescaler assignment is not changed.
From TMR0 Clock Source
(Figure 5-1)
To TMR0 (Figure 5-1)
Postscaler
WDT Timer
WDT
Enable Bit
0
1
M
U
X
PSA
8 - to - 1 MUX
PS2:PS0
0
1
MUX
PSA
WDT
Time-out
Note: PSA and PS2:PS0 are bits in the OPTION_REG register.
8
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2007h
Config. bits
(1)
BODEN(1)
—
CP0
PWRTE(1)
WDTE
FOSC1
FOSC0
81h,181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1: See Register 12-1 for operation of these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com