Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 100Page - Microchip Technology PIC16F73-E/P Datasheet HTML 101Page - Microchip Technology PIC16F73-E/P Datasheet HTML 102Page - Microchip Technology PIC16F73-E/P Datasheet HTML 103Page - Microchip Technology PIC16F73-E/P Datasheet HTML 104Page - Microchip Technology PIC16F73-E/P Datasheet HTML 105Page - Microchip Technology PIC16F73-E/P Datasheet HTML 106Page - Microchip Technology PIC16F73-E/P Datasheet HTML 107Page - Microchip Technology PIC16F73-E/P Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 174 page
background image
PIC16F7X
DS30325B-page 102
 2002 Microchip Technology Inc.
12.14 Power-down Mode (SLEEP)
Power-down mode is entered by executing a SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the PD bit (STATUS<3>) is cleared, the
TO (STATUS<4>) bit is set, and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, low, or hi-impedance).
For lowest current consumption in this mode, place all
I/O pins at either VDD or VSS, ensure no external cir-
cuitry is drawing current from the I/O pin, power-down
the A/D and disable external clocks. Pull all I/O pins
that are hi-impedance inputs, high or low externally, to
avoid switching currents caused by floating inputs. The
T0CKI input should also be at VDD or VSS for lowest
current consumption. The contribution from on-chip
pull-ups on PORTB should also be considered.
The MCLR pin must be at a logic high level (VIHMC).
12.14.1
WAKE-UP FROM SLEEP
The device can wake-up from SLEEP through one of
the following events:
1.
External RESET input on MCLR pin.
2.
Watchdog
Timer
wake-up
(if
WDT
was
enabled).
3.
Interrupt from INT pin, RB port change or a
Peripheral Interrupt.
External MCLR Reset will cause a device RESET. All
other events are considered a continuation of program
execution and cause a "wake-up". The TO and PD bits
in the STATUS register can be used to determine the
cause of device RESET. The PD bit, which is set on
power-up, is cleared when SLEEP is invoked. The TO
bit is cleared if a WDT time-out occurred and caused
wake-up.
The following peripheral interrupts can wake the device
from SLEEP:
1.
PSP read or write (PIC16F74/77 only).
2.
TMR1 interrupt.
Timer1 must be operating as
an asynchronous counter.
3.
CCP Capture mode interrupt.
4.
Special event trigger (Timer1 in Asynchronous
mode, using an external clock).
5.
SSP (START/STOP) bit detect interrupt.
6.
SSP transmit or receive in Slave mode
(SPI/I2C).
7.
USART RX or TX (Synchronous Slave mode).
8.
A/D conversion (when A/D clock source is RC).
Other peripherals cannot generate interrupts, since
during SLEEP, no on-chip clocks are present.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is pre-fetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set (enabled). Wake-up
occurs, regardless of the state of the GIE bit. If the GIE
bit is clear (disabled), the device continues execution at
the instruction after the SLEEP instruction. If the GIE bit
is set (enabled), the device executes the instruction
after the SLEEP instruction and then branches to the
interrupt address (0004h). In cases where the execu-
tion of the instruction following SLEEP is not desirable,
the user should have a NOP after the SLEEP instruction.
12.14.2
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction, the SLEEP instruction will com-
plete as a NOP. Therefore, the WDT and WDT
postscaler will not be cleared, the TO bit will not
be set and PD bits will not be cleared.
• If the interrupt occurs during or after the execu-
tion of a SLEEP instruction, the device will imme-
diately wake-up from SLEEP. The SLEEP
instruction will be completely executed before the
wake-up. Therefore, the WDT and WDT
postscaler will be cleared, the TO bit will be set
and the PD bit will be cleared.
Even if the flag bits were checked before executing a
SLEEP
instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
To ensure that the WDT is cleared, a CLRWDT instruc-
tion should be executed before a SLEEP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com