Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 101Page - Microchip Technology PIC16F73-E/P Datasheet HTML 102Page - Microchip Technology PIC16F73-E/P Datasheet HTML 103Page - Microchip Technology PIC16F73-E/P Datasheet HTML 104Page - Microchip Technology PIC16F73-E/P Datasheet HTML 105Page - Microchip Technology PIC16F73-E/P Datasheet HTML 106Page - Microchip Technology PIC16F73-E/P Datasheet HTML 107Page - Microchip Technology PIC16F73-E/P Datasheet HTML 108Page - Microchip Technology PIC16F73-E/P Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 103
PIC16F7X
FIGURE 12-12:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
12.15 Program Verification/Code
Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
12.16 ID Locations
Four memory locations (2000h - 2003h) are designated
as ID locations, where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are read-
able and writable during program/verify. It is recom-
mended that only the 4 Least Significant bits of the ID
location are used.
12.17 In-Circuit Serial Programming
PIC16F7X
microcontrollers
can
be
serially
pro-
grammed while in the end application circuit. This is
simply done, with two lines for clock and data and three
other lines for power, ground, and the programming
voltage (see Figure 12-13 for an example). This allows
customers to manufacture boards with unprogrammed
devices, and then program the microcontroller just
before shipping the product. This also allows the most
recent firmware or a custom firmware to be pro-
grammed.
For general information of serial programming, please
refer to the In-Circuit Serial Programming (ICSP™)
Guide (DS30277). For specific details on programming
commands and operations for the PIC16F7X devices,
please refer to the latest version of the PIC16F7X
FLASH Program Memory Programming Specification
(DS30324).
FIGURE 12-13:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
PC
PC+1
PC+2
Inst(PC) = SLEEP
Inst(PC - 1)
Inst(PC + 1)
SLEEP
Processor in
SLEEP
Interrupt Latency
(Note 2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
TOST(2)
PC+2
Note
1:
XT, HS or LP oscillator mode assumed.
2:
TOST = 1024 TOSC (drawing not to scale) This delay will not be there for RC osc mode.
3:
GIE = ’1’ assumed. In this case after wake- up, the processor jumps to the interrupt routine.
If GIE = ’0’, execution will continue in-line.
4:
CLKOUT is not available in these osc modes, but shown here for timing reference.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F7X
VDD
VSS
MCLR/VPP
RB6
RB7
+5V
0V
VPP
CLK
Data I/O
VDD
*
*
*
*
* Isolation devices (as required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com