Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 98Page - Microchip Technology PIC16F73-E/P Datasheet HTML 99Page - Microchip Technology PIC16F73-E/P Datasheet HTML 100Page - Microchip Technology PIC16F73-E/P Datasheet HTML 101Page - Microchip Technology PIC16F73-E/P Datasheet HTML 102Page - Microchip Technology PIC16F73-E/P Datasheet HTML 103Page - Microchip Technology PIC16F73-E/P Datasheet HTML 104Page - Microchip Technology PIC16F73-E/P Datasheet HTML 105Page - Microchip Technology PIC16F73-E/P Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 174 page
background image
PIC16F7X
DS30325B-page 100
 2002 Microchip Technology Inc.
12.11.1
INT INTERRUPT
External interrupt on the RB0/INT pin is edge triggered,
either rising, if bit INTEDG (OPTION_REG<6>) is set,
or falling, if the INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
flag
bit
INTF
(INTCON<1>) is set. This interrupt can be disabled by
clearing enable bit INTE (INTCON<4>). Flag bit INTF
must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The INT inter-
rupt can wake-up the processor from SLEEP, if bit INTE
was set prior to going into SLEEP. The status of global
interrupt enable bit GIE decides whether or not the pro-
cessor branches to the interrupt vector following wake-
up. See Section 12.14 for details on SLEEP mode.
12.11.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit TMR0IF (INTCON<2>). The interrupt can be
enabled/disabled
by
setting/clearing
enable
bit
TMR0IE (INTCON<5>). (Section 5.0)
12.11.3
PORTB INTCON CHANGE
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit RBIE (INTCON<4>), see
Section 4.2.
12.12 Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt (i.e., W, PCLATH and STA-
TUS registers). This will have to be implemented in
software, as shown in Example 12-1.
For the PIC16F73/74 devices, the register W_TEMP
must be defined in both banks 0 and 1 and must be
defined at the same offset from the bank base address
(i.e., If W_TEMP is defined at 20h in bank 0, it must
also be defined at A0h in bank 1.). The registers,
PCLATH_TEMP and STATUS_TEMP, are only defined
in bank 0.
Since the upper 16 bytes of each bank are common in
the PIC16F76/77 devices, temporary holding registers
W_TEMP,
STATUS_TEMP
and
PCLATH_TEMP
should be placed in here. These 16 locations don’t
require banking and, therefore, make it easier for con-
text save and restore. The same code shown in
Example 12-1 can be used.
EXAMPLE 12-1:
SAVING STATUS, W, AND PCLATH REGISTERS IN RAM
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS,W
;Swap status to be saved into W
CLRF
STATUS
;bank 0, regardless of current bank, Clears IRP,RP1,RP0
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
MOVF
PCLATH, W
;Only required if using pages 1, 2 and/or 3
MOVWF
PCLATH_TEMP
;Save PCLATH into W
CLRF
PCLATH
;Page zero, regardless of current page
:
:(ISR)
;Insert user code here
:
MOVF
PCLATH_TEMP, W
;Restore PCLATH
MOVWF
PCLATH
;Move W into PCLATH
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com