Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 117Page - Microchip Technology PIC16F73-E/P Datasheet HTML 118Page - Microchip Technology PIC16F73-E/P Datasheet HTML 119Page - Microchip Technology PIC16F73-E/P Datasheet HTML 120Page - Microchip Technology PIC16F73-E/P Datasheet HTML 121Page - Microchip Technology PIC16F73-E/P Datasheet HTML 122Page - Microchip Technology PIC16F73-E/P Datasheet HTML 123Page - Microchip Technology PIC16F73-E/P Datasheet HTML 124Page - Microchip Technology PIC16F73-E/P Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 119
PIC16F7X
15.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias................................................................................................................ .-55 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR. and RA4) ......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ............................................................................................................ -0.3 to +6.5V
Voltage on MCLR with respect to VSS (Note 2) ..............................................................................................0 to +13.5V
Voltage on RA4 with respect to Vss ...................................................................................................................0 to +12V
Total power dissipation (Note 1) ............................................................................................................................... 1.0W
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by PORTA, PORTB, and PORTE (combined) (Note 3) ................................................... 200 mA
Maximum current sourced by PORTA, PORTB, and PORTE (combined) (Note 3).............................................. 200 mA
Maximum current sunk by PORTC and PORTD (combined) (Note 3) .................................................................200 mA
Maximum current sourced by PORTC and PORTD (combined) (Note 3) ............................................................ 200 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL)
2: Voltage spikes at the MCLR pin may cause latchup. A series resistor of greater than 1 k
Ω should be used
to pull MCLR to VDD, rather than tying the pin directly to VDD.
3: PORTD and PORTE are not implemented on the PIC16F73/76 devices.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com