Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 127Page - Microchip Technology PIC16F73-E/P Datasheet HTML 128Page - Microchip Technology PIC16F73-E/P Datasheet HTML 129Page - Microchip Technology PIC16F73-E/P Datasheet HTML 130Page - Microchip Technology PIC16F73-E/P Datasheet HTML 131Page - Microchip Technology PIC16F73-E/P Datasheet HTML 132Page - Microchip Technology PIC16F73-E/P Datasheet HTML 133Page - Microchip Technology PIC16F73-E/P Datasheet HTML 134Page - Microchip Technology PIC16F73-E/P Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 129
PIC16F7X
FIGURE 15-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 15-4:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Note: Refer to Figure 15-3 for load conditions.
46
47
45
48
41
42
40
RA4/T0CKI
RC0/T1OSO/T1CKI
TMR0 or TMR1
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
——
ns
Must also meet
parameter 42
With Prescaler
10
——
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
——
ns
Must also meet
parameter 42
With Prescaler
10
——
ns
42*
Tt0P
T0CKI Period
No Prescaler
TCY + 40
——
ns
With Prescaler
Greater of:
20 or TCY + 40
N
——
ns
N = prescale value
(2, 4, ..., 256)
45*
Tt1H
T1CKI High Time Synchronous, Prescaler = 1
0.5TCY + 20
——
ns
Must also meet
parameter 47
Synchronous,
Prescaler = 2,4,8
Standard(F)15
——
ns
Extended(LF)25
——
ns
Asynchronous
Standard(F)30
——
ns
Extended(LF)50
——
ns
46*
Tt1L
T1CKI Low Time
Synchronous, Prescaler = 1
0.5TCY + 20
——
ns
Must also meet
parameter 47
Synchronous,
Prescaler = 2,4,8
Standard(F)15
——
ns
Extended(LF)25
——
ns
Asynchronous
Standard(F)30
——
ns
Extended(LF)50
——
ns
47*
Tt1P
T1CKI Input
Period
Synchronous
Standard(F)
Greater of:
30 or TCY + 40
N
——
ns
N = prescale value
(1, 2, 4, 8)
Extended(LF)
Greater of:
50 or TCY + 40
N
N = prescale value
(1, 2, 4, 8)
Asynchronous
Standard(F)60
——
ns
Extended(LF)
100
——
ns
Ft1
Timer1 Oscillator Input Frequency Range
(oscillator enabled by setting bit T1OSCEN)
DC
—
200
kHz
48
TCKEZtmr1 Delay from External Clock Edge to Timer Increment
2 TOSC
—
7 TOSC
—
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com