Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet (PDF) - Analog Devices

RH5596S-CSH Datasheet PDF - Analog Devices
Part # RH5596S-CSH
Download  RH5596S-CSH Download
File Size   203.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range

RH5596S-CSH Datasheet (PDF)

Go To PDF Page Download Datasheet
RH5596S-CSH Datasheet PDF - Analog Devices

Part # RH5596S-CSH
Download  RH5596S-CSH Click to download

File Size   203.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range

RH5596S-CSH Datasheet (HTML) - Analog Devices


RH5596S-CSH Product details

FEATURES
► Ultra-wide matched input frequency range: 100 MHz to 40 GHz
► 35 dB linear dynamic range (< ±1 dB error)
► 29 mV/dB logarithmic slope
► ±1 dB flat response from 200 MHz to 30 GHz
► Accurate RMS power measurement of high crest factors (up to
12 dB) modulated waveforms
► Low-power shutdown mode
► Low-supply current: 30 mA at 3.3 V (typical)
► 8-lead plastic LFCSP (05-08-1957)
► –40°C to +125°C rated with guaranteed log slope and log intercept
APPLICATIONS
► Low and medium Earth orbit (LEO/MEO) space payloads
► Geosynchronous Earth orbit (GEO) satellites
► Avionics
► Point-to-point microwave links
► Instrumentation and measurement equipment
► Military radios
► Long-term evolution (LTE), Wi-Fi, WiMAX wireless networks
► RMS power measurement
► Receive and transmit gain control
► RF power amplifier (PA) transmit power control




Similar Part No. - RH5596S-CSH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
RH5 VISHAY-RH5 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RH50 VISHAY-RH50 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
RH50 VISHAY-RH50 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
logo
LEM
RH500-P LEM-RH500-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
More results


Similar Description - RH5596S-CSH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com