Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 10 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 10 Page - Analog Devices

Back Button RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices RH5596S-CSH Datasheet HTML 10Page - Analog Devices RH5596S-CSH Datasheet HTML 11Page - Analog Devices RH5596S-CSH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
RH5596S-CSH
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 10 of 12
Figure 1. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
Power-Supply Pin. Typical current consumption is 30 mA at room temperature. The VCC pin must be externally bypassed with a 100 nF
capacitor.
2
OUT
Detector Output. The DC voltage at the OUT pin varies linearly with the RF input power level in dBm. The detector output is able to drive a
50 Ω load. To avoid permanent damage, do not short to VCC or GND. In shutdown mode (EN = low), the detector output pin becomes high
impedance, to avoid discharge of capacitors in an external ripple filter.
3
FLTR
Filter. An optional capacitor connected between the FLTR pin and the OUT pin (Pin 2) reduces the detector ripple averaging bandwidth,
and increases the rise and fall times of the detector. To avoid permanent damage to the circuit, the DC voltage at the FLTR pin must not
exceed 0.4 V.
4, 5, 7
GND
Circuit Ground. All ground pins are internally connected. Pin 5 and Pin 7 must be used as RF return ground and connected to the
transmission line interfacing to the RFIN pin (Pin 6).
6
RFIN
RF Input. The RFIN pin is internally DC-coupled to the GND through a 50 Ω termination resistor. To avoid damage to the internal circuit, the
DC voltage applied to the RFIN pin must not exceed 1 V. The ground-signal-ground arrangement of Pin 5 through Pin 7 support termination
of Pin 6 by a high-frequency transmission line, such as a grounded co-planar waveguide (GCPW). No external decoupling capacitor is
necessary as long as the DC voltage on Pin 6 is kept below 1 V.
8
EN
Chip-Enable. A voltage above 1.1 V applied to the EN pin brings the device into normal operating mode. A voltage below 0.6 V brings the
device into a low-power shutdown mode. Do not float the EN pin.
EPAD
Exposed Pad. The exposed pad must be soldered to PCB ground .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com