Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 6 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 6 Page - Analog Devices

Back Button RH5596S-CSH Datasheet HTML 2Page - Analog Devices RH5596S-CSH Datasheet HTML 3Page - Analog Devices RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices RH5596S-CSH Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
RH5596S-CSH
SPECIFICATIONS
analog.com
Rev. A | 6 of 12
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions
Temperature1
Min
Typ
Max
Unit
fRF = 12 GHz
Full
–38.1 to –36.3
dBm
fRF = 15 GHz
Full
–37.0 to –35.5
dBm
fRF = 18 GHz
Full
–38.1 to –36.4
dBm
fRF = 20 GHz
Full
–37.3 to –36.8
dBm
fRF = 24 GHz
Full
–38.8 to –37.3
dBm
fRF = 26 GHz
Full
–37.5 to –35.9
dBm
fRF = 28 GHz
Full
–37.7 to –35.9
dBm
fRF = 30 GHz
Full
–39.7 to –38.0
dBm
fRF = 35 GHz
Full
–37.1 to –34.9
dBm
fRF = 38 GHz
Full
–34.1 to –31.7
dBm
fRF = 40 GHz
Full
–32.8 to –30.3
dBm
fRF = 43.5 GHz
Full
–28.3 to –25.9
dBm
Linear Dynamic Range for Various Modulation
Formats6
Code division multiple
access (CDMA), 9
channels, forward
–39.7 to +1.7
dB
CDMA, 32 channels,
forward
–39.6 to +1.7
dB
CDMA, 64 channels,
forward
–39.5 to +1.7
dB
CDMA, 3 carriers
–40.4 to +3.0
dB
CDMA, 4 carriers
–40.3 to +2.7
dB
Wideband code division
multiple access (W-
CDMA), 1 channel, up
–39.9 to +1.8
dB
W-CDMA, 1 channel,
down
–39.9 to +1.7
dB
W-CDMA, 2 carriers
–40.0 to +1.9
dB
W-CDMA, 3 carriers
–40.4 to +2.0
dB
W-CDMA, 4 carriers
–40.3 to +1.7
dB
additive white Gaussian
noise (AWGN), 5 MHz
bandwidth
–40.2 to +2.6
dB
AWGN, 10 MHz
bandwidth
–40.2 to +3.1
dB
AWGN, 15 MHz
bandwidth
–40.1 to +3.1
dB
Propagation Delay7
PIN from –55 dBm to 0
dBm
1.2
μs
OUT INTERFACE
Output DC Voltage
No RF signal present,
EN = 1.1 V
1.0
5.0
mV
PIN = 10 dBm, EN = 1.1
V
1.150
1.2
1.250
V
Output-Voltage Droop
25 mA sourcing
–35
+6
+20
mV
25 mA sinking
30
mV
Integrated Output Noise
1 kHz to 6.5 kHz, PIN =
0 dBm
22
μV RMS
Rise Time8
50 Ω load at OUT
2.9
μs
Fall Time9
50 Ω load at OUT
8.1
μs
ENABLE (EN) LOW = OFF, HIGH = ON
EN Input High Voltage (On)
Full
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com