Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 3 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 3 Page - Analog Devices

  RH5596S-CSH Datasheet HTML 1Page - Analog Devices RH5596S-CSH Datasheet HTML 2Page - Analog Devices RH5596S-CSH Datasheet HTML 3Page - Analog Devices RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
RH5596S-CSH
SPECIFICATIONS
analog.com
Rev. A | 3 of 12
TA = 25°C, VCC = 3.3 V, EN = 3.3 V, unless otherwise noted. Continuous wave, 50 Ω source at RFIN, RF frequency (fRF) = 2140 MHz, unless
otherwise noted.
Table 1. Electrical Characteristics
Parameter
Test Conditions
Temperature1
Min
Typ
Max
Unit
RF INPUT
Input Frequency Range
0.1 to 40
GHz
Input Impedance
52||50
Ω||fF
DETECTOR RESPONSE (RFIN TO OUT)
RF Input Power Range, TA = 25°C
fRF = 50 MHz
–33.2 to +6.3
dBm
±1 dB Log Linearity Error2, 3
fRF = 100 MHz
–37.1 to +5.8
dBm
fRF = 500 MHz
–40.8 to +3.3
dBm
fRF = 2.14 GHz
–39.1 to +4.2
dBm
fRF = 5.8 GHz
–39.7 to +3.7
dBm
fRF = 7.6 GHz
–38.9 to +4.3
dBm
fRF = 10 GHz
–39.0 to +4.2
dBm
fRF = 12 GHz
–38.5 to +4.5
dBm
fRF = 15 GHz
–37.5 to +5.5
dBm
fRF = 18 GHz
–38.4 to +4.6
dBm
fRF = 24 GHz
–39.3 to +0.2
dBm
fRF = 26 GHz
–37.8 to +5.0
dBm
fRF = 28 GHz
–40.1 to −0.6
dBm
fRF = 30 GHz
–39.8 to +3.1
dBm
fRF = 35 GHz
–37.3 to +3.1
dBm
fRF = 38 GHz
–34.2 to +3.6
dBm
fRF = 40 GHz
–32.6 to +2.9
dBm
fRF = 43.5 GHz
–28.2 to +4.6
dBm
RF Input Power Range Over
fRF = 50 MHz
Full
–28.4 to +3.0
dBm
Operating Temperature Range
fRF = 100 MHz
Full
–37.1 to +3.0
dBm
±1 dB Log Linearity Error2, 3
fRF = 500 MHz
Full
–35.9 to –1.2
dBm
fRF = 2.14 GHz
Full
–35.2 to –0.2
dBm
fRF = 5.8 GHz
Full
–35.3 to –0.7
dBm
fRF = 7.6 GHz
Full
–34.7 to –0.2
dBm
fRF = 10 GHz
Full
–34.5 to –0.5
dBm
fRF = 12 GHz
Full
–34.1 to +0.3
dBm
fRF = 15 GHz
Full
–33.5 to +1.4
dBm
fRF = 18 GHz
Full
–35.2 to –0.1
dBm
fRF = 24 GHz
Full
–36.0 to –1.2
dBm
fRF = 26 GHz
Full
–34.8 to –0.1
dBm
fRF = 28 GHz
Full
–36.4 to –2.5
dBm
fRF = 30 GHz
Full
–35.3 to –2.1
dBm
±1.5 dB Log Linearity Error
fRF = 35 GHz
Full
–32.3 to –1.5
dBm
fRF = 38 GHz
Full
–29.2 to –0.2
dBm
fRF = 40 GHz
Full
–27.1 to –0.9
dBm
fRF = 43.5 GHz
Full
–22.1 to +0.3
dBm
Linear Dynamic Range, TA = 25°C3
fRF = 50 MHz
39.5
dB
fRF = 100 MHz
42.9
dB
fRF = 500 MHz
44.1
dB
fRF = 2.14 GHz
43.3
dB
fRF = 5.8 GHz
43.3
dB
fRF = 7.6 GHz
43.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com