Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 5 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 5 Page - Analog Devices

  RH5596S-CSH Datasheet HTML 1Page - Analog Devices RH5596S-CSH Datasheet HTML 2Page - Analog Devices RH5596S-CSH Datasheet HTML 3Page - Analog Devices RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
RH5596S-CSH
SPECIFICATIONS
analog.com
Rev. A | 5 of 12
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions
Temperature1
Min
Typ
Max
Unit
fRF = 43.5 GHz
29.7
mV/dB
Logarithmic Slope
fRF = 50 MHz
Full
27.6 to 28.6
mV/dB
Operating Temperature Range4
fRF = 100 MHz
Full
28.2 to 29.4
mV/dB
fRF = 500 MHz
Full
27.4 to 28.9
mV/dB
fRF = 2.14 GHz
Full
25
28.0 to 29.5
33.5
mV/dB
fRF = 5.8 GHz
Full
28.0 to 29.4
mV/dB
fRF = 7.6 GHz
Full
28.1 to 29.5
mV/dB
fRF = 8 GHz
Full
28.5 to 28.6
mV/dB
fRF = 10 GHz
Full
28.1 to 29.5
mV/dB
fRF = 12 GHz
Full
28.2 to 29.5
mV/dB
fRF = 15 GHz
Full
28.3 to 29.4
mV/dB
fRF = 18 GHz
Full
28.2 to 29.6
mV/dB
fRF = 20 GHz
Full
28.6 to 28.8
mV/dB
fRF = 24 GHz
Full
28.3 to 29.5
mV/dB
fRF = 26 GHz
Full
28.4 to 29.6
mV/dB
fRF = 28 GHz
Full
28.3 to 29.5
mV/dB
fRF = 30 GHz
Full
28.3 to 29.5
mV/dB
fRF = 35 GHz
Full
28.4 to 29.3
mV/dB
fRF = 38 GHz
Full
28.6 to 29.4
mV/dB
fRF = 40 GHz
Full
28.8 to 29.7
mV/dB
fRF = 43.5 GHz
Full
29.1 to 29.7
mV/dB
Logarithmic Intercept, TA = 25°C5
fRF = 50 MHz
–33.1
dBm
fRF = 100 MHz
–36.2
dBm
fRF = 500 MHz
–39.9
dBm
fRF = 2.14 GHz
–41.5
–39.0
–34
dBm
fRF = 5.8 GHz
–38.7
dBm
fRF = 7.6 GHz
–37.9
dBm
fRF = 8 GHz
–39.0
dBm
fRF = 10 GHz
–38.0
dBm
fRF = 12 GHz
–37.6
dBm
fRF = 15 GHz
–36.5
dBm
fRF = 18 GHz
–37.4
dBm
fRF = 20 GHz
–37.1
dBm
fRF = 24 GHz
–38.4
dBm
fRF = 26 GHz
–36.8
dBm
fRF = 28 GHz
–37.1
dBm
fRF = 30 GHz
–38.9
dBm
fRF = 35 GHz
–36.3
dBm
fRF = 38 GHz
–33.2
dBm
fRF = 40 GHz
–31.7
dBm
fRF = 43.5 GHz
–27.2
dBm
Logarithmic Intercept Over
fRF = 50 MHz
Full
–32.6 to –31.3
dBm
Operating Temperature Range5
fRF = 100 MHz
Full
–38.1 to –37.9
dBm
fRF = 500 MHz
Full
–40.4 to –38.6
dBm
fRF = 2.14 GHz
Full
–42
–39.7 to –37.0
–33
dBm
fRF = 5.8 GHz
Full
–39.2 to –37.4
dBm
fRF = 7.6 GHz
Full
–38.5 to –36.7
dBm
fRF = 8 GHz
Full
–39.1 to –38.8
dBm
fRF = 10 GHz
Full
–38.6 to –36.7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com