Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 9 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 9 Page - Analog Devices

Back Button RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices RH5596S-CSH Datasheet HTML 10Page - Analog Devices RH5596S-CSH Datasheet HTML 11Page - Analog Devices RH5596S-CSH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
RH5596S-CSH
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 9 of 12
Table 4.
Parameter1
Rating
Supply Voltage (VCC)
3.8 V
Input Signal Power (RFIN), Average
15 dBm
Input Signal Power (RFIN), Peak2
20 dBm
DC Voltage at RFIN
–0.3 V to +1 V
DC Voltage at FLTR
–0.3 V to +0.4 V
DC Voltage at EN
–0.3 V to +3.8 V
TJMAX
150°C
Operating Temperature Range
–40°C to 125°C
Storage Temperature Range
–65°C to 150°C
1 The voltage on all pins must not exceed 3.8 V, VCC + 0.3 V, or be less than
–0.3 V, otherwise damage to the ESD diodes may occur.
2 Not production tested. Guaranteed by design and correlation to production
tested parameters.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the printed circuit board
(PCB) design and operating environment. Careful attention to the
PCB thermal design is required.
θJC is the junction-to-case thermal resistance.
Table 5. Thermal Resistance
Package Option
θJC
Unit
05-08-1957
25
°C/W
OUTGAS TESTING
The criteria used for the acceptance and rejection of materials must
be determined by the user and based upon specific component and
system requirements. Historically, a total mass loss (TML) of 1.00%
and collected volatile condensable material (CVCM) of 0.10% have
been used as screening levels for rejection of spacecraft materials.
Table 6. Outgas Testing
Specification (Tested per ASTM E595-15)
Value
Unit
Total Mass Lost
0.06
%
Collected Volatile Condensable Material
0.01
%
Table 6. Outgas Testing (Continued)
Specification (Tested per ASTM E595-15)
Value
Unit
Water Vapor Recovered
0.02
%
RADIATION FEATURES
Table 7. Radiation Features
Specifications
Value
Unit
Maximum Total Dose Available (Dose Rate = 50
rad(Si)/s to 300 rad(Si)/s)1
100
krad(Si)
No Single Event Latch-Up (SEL) Occurs at Effective
Linear Energy Transfer (LET)2
≤80
MeV-
cm2/mg
1 Guaranteed by device and process characterization. Contact Analog Devices,
Inc., for data available up to 100 krads.
2 Limits are characterized at initial qualification and after any design or process
changes that may affect the SEL characteristics but are not production lot test-
ed, unless specified by the customer through the purchase order or contract.
For more information on single event effect (SEE) test results, contact Analog
Devices for further data beyond published report on the Analog Devices
website.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in and ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Rating for the RH5596S-CSH
Table 8. RH5596S-CSH, 8-Lead Plastic LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
3500
2
CDM
2000
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com