Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 4 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 4 Page - Analog Devices

  RH5596S-CSH Datasheet HTML 1Page - Analog Devices RH5596S-CSH Datasheet HTML 2Page - Analog Devices RH5596S-CSH Datasheet HTML 3Page - Analog Devices RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
RH5596S-CSH
SPECIFICATIONS
analog.com
Rev. A | 4 of 12
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions
Temperature1
Min
Typ
Max
Unit
fRF = 10 GHz
43.1
dB
fRF = 12 GHz
43.1
dB
fRF = 15 GHz
43.0
dB
fRF = 18 GHz
43.0
dB
fRF = 24 GHz
39.5
dB
fRF = 26 GHz
42.8
dB
fRF = 28 GHz
39.5
dB
fRF = 30 GHz
43.0
dB
fRF = 35 GHz
40.4
dB
fRF = 38 GHz
37.7
dB
fRF = 40 GHz
35.6
dB
fRF = 43.5 GHz
32.8
dB
Linear Dynamic Range Over
fRF = 50 MHz
Full
31.4
dB
Operating Temperature Range3
fRF = 100 MHz
Full
40.1
dB
fRF = 500 MHz
Full
34.7
dB
fRF = 2.14 GHz
Full
35.1
dB
fRF = 5.8 GHz
Full
34.6
dB
fRF = 7.6 GHz
Full
34.5
dB
fRF = 10 GHz
Full
34.0
dB
fRF = 12 GHz
Full
34.4
dB
fRF = 15 GHz
Full
35.0
dB
fRF = 18 GHz
Full
35.1
dB
fRF = 24 GHz
Full
34.8
dB
fRF = 26 GHz
Full
34.8
dB
fRF = 28 GHz
Full
33.9
dB
fRF = 30 GHz
Full
33.2
dB
±1.5 dB Log Linearity Error
fRF = 35 GHz
Full
30.7
dB
fRF = 38 GHz
Full
29.0
dB
fRF = 40 GHz
Full
26.2
dB
fRF = 43.5 GHz
Full
22.4
dB
Logarithmic Slope, TA = 25°C4
fRF = 50 MHz
27.2
mV/dB
fRF = 100 MHz
28.9
mV/dB
fRF = 500 MHz
28.2
mV/dB
fRF = 2.14 GHz
25.5
29.3
33.5
mV/dB
fRF = 5.8 GHz
28.7
mV/dB
fRF = 7.6 GHz
28.8
mV/dB
fRF = 8 GHz
28.6
mV/dB
fRF = 10 GHz
28.8
mV/dB
fRF = 12 GHz
28.9
mV/dB
fRF = 15 GHz
29.0
mV/dB
fRF = 18 GHz
28.9
mV/dB
fRF = 20 GHz
28.8
mV/dB
fRF = 24 GHz
28.9
mV/dB
fRF = 26 GHz
29.1
mV/dB
fRF = 28 GHz
29.1
mV/dB
fRF = 30 GHz
28.9
mV/dB
fRF = 35 GHz
29.0
mV/dB
fRF = 38 GHz
29.2
mV/dB
fRF = 40 GHz
29.5
mV/dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com