Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 1 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 1 Page - Analog Devices

  RH5596S-CSH Datasheet HTML 1Page - Analog Devices RH5596S-CSH Datasheet HTML 2Page - Analog Devices RH5596S-CSH Datasheet HTML 3Page - Analog Devices RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
RH5596S-CSH
Commercial Space
Product
100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35
dB Dynamic Range
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-wide matched input frequency range: 100 MHz to 40 GHz
►
35 dB linear dynamic range (< ±1 dB error)
►
29 mV/dB logarithmic slope
►
±1 dB flat response from 200 MHz to 30 GHz
►
Accurate RMS power measurement of high crest factors (up to
12 dB) modulated waveforms
►
Low-power shutdown mode
►
Low-supply current: 30 mA at 3.3 V (typical)
►
8-lead plastic LFCSP (05-08-1957)
►
–40°C to +125°C rated with guaranteed log slope and log inter-
cept
COMMERCIAL SPACE FEATURES
►
Supports aerospace applications
►
Certificate of Conformance
►
Wafer diffusion lot traceability
►
Qualification based on flows per NASA PEM-INST-001 and SAE
AS6294
►
Burn-in, life test, and deltas analysis
►
Radiation lot acceptance test (RLAT)
►
Total ionizing dose (TID)
►
Radiation benchmark
►
No single event latch-up (SEL) occurs at effective linear ener-
gy transfer (LET): ≤ 80 MeV-cm2/mg
►
Outgassing characterization
APPLICATIONS
►
Low and medium Earth orbit (LEO/MEO) space payloads
►
Geosynchronous Earth orbit (GEO) satellites
►
Avionics
►
Point-to-point microwave links
►
Instrumentation and measurement equipment
►
Military radios
►
Long-term evolution (LTE), Wi-Fi, WiMAX wireless networks
►
RMS power measurement
►
Receive and transmit gain control
►
RF power amplifier (PA) transmit power control
GENERAL DESCRIPTION
The RH5596S-CSH is a high accuracy RMS power detector that
provides a very wide RF input bandwidth, from 100 MHz up to
40 GHz. This makes the device suitable for a wide range of RF
and microwave applications, such as point-to-point microwave links,
instrumentation, and power control applications.
The DC output-voltage of the detector is an accurate representation
of the average signal power applied to the RF input. The response
is linear-in-dB with 29 mV/dB logarithmic slope over a 35 dB
dynamic range with typically better than ±1 dB accuracy over the
full operating temperature range and RF frequency range, from
200 MHz to 30 GHz. In addition, the device’s response has ±1dB
flatness within the frequency range of 200 MHz to 30 GHz. The
detector is particularly suited for measurement of waveforms with
crest factor (CF) as high as 12 dB, and waveforms that exhibit a
significant variation of the CF during measurement.
To achieve higher accuracy and lower output ripple, the averaging
bandwidth can be externally adjusted by a capacitor connected
between the FLTR pin and OUT pin.
The enable interface switches the device between an active meas-
urement mode and a low-power shutdown mode.
Additional application and technical information can be found in the
Commercial Space Products Program brochure and the LTC5596
data sheet.


Similar Part No. - RH5596S-CSH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
RH5 VISHAY-RH5 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RH50 VISHAY-RH50 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
RH50 VISHAY-RH50 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
logo
LEM
RH500-P LEM-RH500-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
More results

Similar Description - RH5596S-CSH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com