Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5596S-CSH Datasheet(PDF) 8 Page - Analog Devices

Part # RH5596S-CSH
Description  100 MHz to 40 GHz Linear-in-dB RMS Power Detector with 35 dB Dynamic Range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH5596S-CSH Datasheet(HTML) 8 Page - Analog Devices

Back Button RH5596S-CSH Datasheet HTML 4Page - Analog Devices RH5596S-CSH Datasheet HTML 5Page - Analog Devices RH5596S-CSH Datasheet HTML 6Page - Analog Devices RH5596S-CSH Datasheet HTML 7Page - Analog Devices RH5596S-CSH Datasheet HTML 8Page - Analog Devices RH5596S-CSH Datasheet HTML 9Page - Analog Devices RH5596S-CSH Datasheet HTML 10Page - Analog Devices RH5596S-CSH Datasheet HTML 11Page - Analog Devices RH5596S-CSH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
RH5596S-CSH
SPECIFICATIONS
analog.com
Rev. A | 8 of 12
RADIATION TEST AND LIMIT SPECIFICATIONS
TA = 25°C, VCC = 3.3 V, and EN = 3.3 V. Continuous wave, 50 Ω source at RFIN, fRF = 2140 MHz, unless otherwise noted. Total ionizing dose
(TID) testing is characterized to 100 krads.
Table 3. Radiation Test and Limit Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGARITHMIC SLOPE, TA = 25°C1
fRF = 100 MHz
24
28.9
34
mV/dB
fRF = 2.14 GHz
24
29.3
35
mV/dB
fRF = 8 GHz
23
28.6
34
mV/dB
fRF = 18 GHz
24
28.9
34
mV/dB
fRF = 20 GHz
24
28.8
34
mV/dB
LOGARITHMIC INTERCEPT, TA = 25°C2
fRF = 100 MHz
−43
−36.2
−30
dBm
fRF = 2.14 GHz
−46
−39
−32
dBm
fRF = 8 GHz
−46
−39
−32
dBm
fRF = 18 GHz
−44
−37.4
−31
dBm
fRF = 20 GHz
−44
−37.1
−30
dBm
OUT INTERFACE
Output DC Voltage
No RF signal present, EN = 1.1 V
1.0
5.0
mV
Input power (PIN) = 10 dBm, EN = 1.1 V
1.150
1.2
1.250
V
ENABLE (EN) LOW = OFF, HIGH = ON
EN Pin Input Current
50
500
nA
POWER SUPPLY
Active Supply Current
EN = 3.3 V
25
30
35
mA
Shutdown Supply Current
EN = 0 V
50
500
nA
1 Slope of the best fit straight line obtained by linear regression.
2 Extrapolated input power level (straight line obtained by linear regression) where the voltage at OUT equals 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com