| Electronic Components Datasheet Search |
|
51216 Marking, FX004 Datasheet(PDF) 17 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
FX004 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 34 page ![]() = £ p ´ ´ SW 0 OUT f 1 f 2 ESR C 3 9 + 8 PWM VDDQSNS REFIN 6 VREF Control Logic and Driver R1 R2 14 11 DRVH DRVL + 1.8 V V IN Lx ESR C OUT R LOAD UDG-10136 High-Side MOSFET Low-Side MOSFET VDDQ TPS51216 www.ti.com SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013 D-CAP™ Mode Figure 30 shows a simplified model of D-CAP™ mode architecture. Figure 30. Simplified D-CAP™ Model The VDDQSNS voltage is compared with REFIN voltage. The PWM comparator creates a set signal to turn on the high-side MOSFET. The gain and speed of the comparator is high enough to maintain the voltage at the beginning of each on-cycle (or the end of each off-cycle) to be substantially constant. The DC output voltage monitored at VDDQ may have line regulation due to ripple amplitude that slightly increases as the input voltage increase. The D-CAP™ mode offers flexibility on output inductance and capacitance selections and provides ease-of-use with a low external component count. However, it requires a sufficient amount of output ripple voltage for stable operation and good jitter performance. The requirement for loop stability is simple and is described in Equation 1. The 0-dB frequency, f0 defined in Equation 1, is recommended to be lower than 1/3 of the switching frequency to secure proper phase margin. where • ESR is the effective series resistance of the output capacitor • COUT is the capacitance of the output capacitor • fsw is switching frequency (1) Jitter is another attribute caused by signal-to-noise ratio of the feedback signal. One of the major factors that determine jitter performance in D-CAP™ mode is the down-slope angle of the VDDQSNS ripple voltage. Figure 31 shows, in the same noise condition, a jitter is improved by making the slope angle larger. Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Links :TPS51216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |