| Electronic Components Datasheet Search |
|
51216 Marking, FX004 Datasheet(PDF) 21 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
FX004 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 34 page ![]() ´ ³ ´ OUT SW X V ESR 20 mV f L £ p ´ ´ SW OUT f 1 2 ESR C 3 ( ) ( ) ( ) æ ö æ ö - ç ÷ ´ - ´ ´ ç ÷ ç ÷ ç ÷ ´ ´ è ø è ø = IN OUT OUT OCL DS(on) X SW IN TRIP TRIP V V V 8 I R 2 L f V R I ( ) ( ) ( ) ( ) ( ) - ´ = + ´ ´ ´ IN OUT OUT max TRIP IND peak X SW IN DS on max V V V V 1 I 8 R L f V ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) - ´ - ´ = ´ = ´ ´ ´ IN OUT OUT IN OUT OUT max max X SW IN O SW IN IND ripple max max max V V V V V V 1 3 L I f V I f V ( ) = æ ö ç ÷ ç ÷ ç ÷ - ´ æ ö ç ÷ ç ÷ - ç ÷ ç ÷ ç ÷ è ø è ø IND ripple OUT R1 R2 1.8 1 I ESR V 2 TPS51216 www.ti.com SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013 External Components Selection The external components selection is simple in D-CAP™ mode. 1. DETERMINE THE VALUE OF R1 AND R2 The output voltage is determined by the value of the voltage-divider resistor, R1 and R2 as shown in Figure 30. R1 is connected between VREF and REFIN pins, and R2 is connected between the REFIN pin and GND. Setting R1 as 10-k Ω is a good starting point. Determine R2 using Equation 6. (6) 2. CHOOSE THE INDUCTOR The inductance value should be determined to yield a ripple current of approximately ¼ to ½ of maximum output current. Larger ripple current increases output ripple voltage and improves the signal-to-noise ratio and helps stable operation. (7) The inductor needs a low direct current resistance (DCR) to achieve good efficiency, as well as enough room above peak inductor current before saturation. The peak inductor current can be estimated in Equation 8. (8) 3. CHOOSE THE OCL SETTING RESISTANCE, RTRIP Combining Equation 4 and Equation 5, RTRIP can be obtained using Equation 9. (9) 4. CHOOSE THE OUTPUT CAPACITORS Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to meet small signal stability and recommended ripple voltage. A quick reference is shown in Equation 10 and Equation 11. (10) (11) Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links :TPS51216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |