| Electronic Components Datasheet Search |
|
51216 Marking, FX004 Datasheet(PDF) 22 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
FX004 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 34 page ![]() ´ ´ ³ ³ p ´ ´ SW OUT SW OUT 20 mV f L 3 ESR or ESR V 2 f C 1 2 3 4 15 14 13 12 VTTSNS U1 TPS51216RUK VLDOIN VTT VTTGND VBST DRVH SW V5IN 5 11 VTTREF DRVL 10 9 8 7 6 16 17 18 19 20 21 C6 1 mF UDG-10165 C7 0.1 mF C8 10 mF C9 10 mF C10 10 mF V IN 8 V to 20 V PGND R6 0 W C5 0.1 mF R7 0 W L1 0.56 mH Q2 FDMS8670AS Q3 FDMS8670AS C11 330 mF VDDQ_GND PGND AGND R5 49 kW R4 10 kW C3 0.1 mF C4 10 nF C2 0.22 mF C1 10 mF C12 10 mF PGND VTT 0.75 V/2 A VTTREF 0.75 V VTTGND S5 S3 R1 100 kW R2 200 kW R3 36 kW V5IN 4.5 V to 5.5 V Q1 FDMS8680 VDDQ 1.5 V/20 A AGND PGND TPS51216 SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013 www.ti.com TPS51216 Application Circuit Figure 33. DDR3, 400-kHz Application Circuit, Tracking Discharge Table 3. DDR3, 400-kHz Application Circuit, List of Materials REFERENCE QTY SPECIFICATION MANUFACTURE PART NUMBER DESIGNATOR C8, C9, C10 3 10 µF, 25 V Taiyo Yuden TMK325BJ106MM C11 1 330 µF, 2V, 6 m Ω Panasonic EEFSX0D331XE L1 1 0.56 µH, 21 A, 1.56 m Ω Panasonic ETQP4LR56WFC Q1 1 30 V, 35 A, 8.5 m Ω Fairchild FDMS8680 Q2, Q3 2 30 V, 42 A, 3.5 m Ω Fairchild FDMS8670AS For this example, the bulk output capacitor ESR requirement for D-CAP™ mode is described in Equation 12, whichever is greater. (12) 22 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links :TPS51216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |