Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

51216 Marking, FX004 Datasheet(PDF) 19 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 19 Page - Texas Instruments

Back Button FX004 Datasheet HTML 15Page - Texas Instruments FX004 Datasheet HTML 16Page - Texas Instruments FX004 Datasheet HTML 17Page - Texas Instruments FX004 Datasheet HTML 18Page - Texas Instruments FX004 Datasheet HTML 19Page - Texas Instruments FX004 Datasheet HTML 20Page - Texas Instruments FX004 Datasheet HTML 21Page - Texas Instruments FX004 Datasheet HTML 22Page - Texas Instruments FX004 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
12
17
16
6
15
14
13
11
V5IN
TPS51216
S3
S5
VREF
VBST
DRVH
SW
DRVL
8
10
REFIN
PGND
7
19
GND
MODE
18 TRIP
20
9
2
3
PGOOD
VDDQSNS
VLDOIN
VTT
1
4
5
VTTSNS
VTTGND
VTTREF
UDG-13089
VDDQ
S5
PGND
5VIN
PGND
VIN
AGND
Powergood
PGND
1 kW
PGND
PGND
0.22 mF
AGND
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
VTT and VTTREF
TPS51216 integrates two high performance, low-drop-out linear regulators, VTT and VTTREF, to provide
complete DDR2/DDR3/DDR3L power solutions. The VTTREF has a 10-mA sink/source current capability, and
tracks ½ of VDDQSNS with ±1% accuracy using an on-chip ½ divider. A 0.22-
μF (or larger) ceramic capacitor
must be connected close to the VTTREF terminal for stable operation. The VTT responds quickly to track
VTTREF within ±40 mV at all conditions, and the current capability is 2 A for both sink and source. A 10-
μF (or
larger) ceramic capacitor(s) need to be connected close to the VTT terminal for stable operation. To achieve tight
regulation with minimum effect of wiring resistance, a remote sensing terminal, VTTSNS, should be connected to
the positive node of VTT output capacitor(s) as a separate trace from the high-current line to the VTT pin.
(Please refer to the Layout Considerations section for details.)
When VTT is not required in the design, the following treatments are strongly recommended.
•
Connect VLDOIN to VDDQ.
•
Tie VTTSNS to VTT, and remove capacitors from VTT to float.
•
Connect VTTGND to GND.
•
Select MODE 0 or MODE 1 shown in Table 2 (Select Non-tracking discharge mode).
•
Maintain a 0.22-µF capacitor connected at VTTREF.
•
Pull-down S3 to GND with 1-k
Ω resistance.
Figure 32. Application Circuit When VTT Is Not Required
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :TPS51216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com