Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

51216 Marking, FX004 Datasheet(PDF) 1 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 1 Page - Texas Instruments

  FX004 Datasheet HTML 1Page - Texas Instruments FX004 Datasheet HTML 2Page - Texas Instruments FX004 Datasheet HTML 3Page - Texas Instruments FX004 Datasheet HTML 4Page - Texas Instruments FX004 Datasheet HTML 5Page - Texas Instruments FX004 Datasheet HTML 6Page - Texas Instruments FX004 Datasheet HTML 7Page - Texas Instruments FX004 Datasheet HTML 8Page - Texas Instruments FX004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
12
17
16
6
15
14
13
11
V5IN
TPS51216
S3
S5
VREF
VBST
DRVH
SW
DRVL
8
10
REFIN
PGND
7
19
GND
MODE
18 TRIP
20
9
2
3
PGOOD
VDDQSNS
VLDOIN
VTT
1
4
5
VTTSNS
VTTGND
VTTREF
UDG-10138
VDDQ
VTT
PGND
S3
S5
PGND
5VIN
PGND
VIN
VTTREF
AGND
AGND
Powergood
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
Controller, 2-A LDO, Buffered Reference
Check for Samples: TPS51216
1
FEATURES
DESCRIPTION
The TPS51216 provides a complete power supply for
2
•
Synchronous Buck Controller (VDDQ)
DDR2, DDR3 and DDR3L memory systems in the
–
Conversion Voltage Range: 3 V to 28 V
lowest total cost and minimum space. It integrates a
–
Output Voltage Range: 0.7 V to 1.8 V
synchronous buck regulator controller (VDDQ) with a
2-A sink/source tracking LDO (VTT) and buffered low
–
0.8% VREF Accuracy
noise reference (VTTREF). The TPS51216 employs
–
D-CAP™ Mode for Fast Transient Response
D-CAP™ mode coupled with 300 kHz/400 kHz
–
Selectable 300 kHz/400 kHz Switching
frequencies
for
ease-of-use
and
fast
transient
Frequencies
response.
The
VTTREF
tracks
VDDQ/2
within
excellent 0.8% accuracy. The VTT, which provides 2-
–
Optimized Efficiency at Light and Heavy
A sink/source peak current capabilities, requires only
Loads with Auto-skip Function
10-
μF
of
ceramic
capacitance.
In
addition,
a
–
Supports Soft-Off in S4/S5 States
dedicated LDO supply input is available.
–
OCL/OVP/UVP/UVLO Protections
The TPS51216 provides rich useful functions as well
–
Powergood Output
as excellent power supply performance. It supports
•
2-A LDO(VTT), Buffered Reference(VTTREF)
flexible power state control, placing VTT at high-Z in
S3 and discharging VDDQ, VTT and VTTREF (soft-
–
2-A (Peak) Sink and Source Current
off) in S4/S5 state. Programmable OCL with low-side
–
Requires Only 10-
μF of Ceramic Output
MOSFET
RDS(on) sensing, OVP/UVP/UVLO and
Capacitance
thermal shutdown protections are also available.
–
Buffered, Low Noise, 10-mA VTTREF
The TPS51216 is available in a 20-pin, 3 mm × 3
Output
mm, QFN package and is specified for ambient
–
0.8% VTTREF, 20-mV VTT Accuracy
temperature from –40°C to 85°C.
–
Support High-Z in S3 and Soft-Off in S4/S5
•
Thermal Shutdown
•
20-Pin, 3 mm × 3 mm, QFN Package
APPLICATIONS
•
DDR2/DDR3/DDR3L Memory Power Supplies
•
SSTL_18, SSTL_15, SSTL_135 and HSTL
Termination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Description - FX004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com